Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHBD3004CPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # CHBD3004CPT
Description  SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHBD3004CPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  CHBD3004CPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHBD3004CPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHBD3004CPT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SWITCHING DIODE
VOLTAGE 350 Volts
CURRENT 225 mAmpere
APPLICATION
FEATURE
* Small surface mounting type. (SOT-23)
* High speed. (TRR=50 nSec Typ.)
* Suitable for high packing density.
CONSTRUCTION
CIRCUIT
* Silicon epitaxial planar
* Ultra high speed switching
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2004-09
Maximum Average Reverse Current at VR= 240V
CHARACTERISTICS
SYMBOL
UNITS
1.0
uAmps
nAmps
Volts
Maximum Instantaneous Forward Voltage at IF= 100mA
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current
Typical Junction Capacitance between Terminal (Note 1)
Operation and Storage Temperature Range
Typical Thermal Resistance
SYMBOL
VRRM
VRMS
VDC
IO
CJ
R JA
VF
350 Min.
Volts
Reverse Breakdown Voltage at IR= 150uA
BVR
IR
TJ,TSTG
IFSM
CHBD3004CPT
CHBD3004CPT
UNITS
350
Volts
Volts
Volts
mAmps
212
300
225
5.0
357
-65 to +150
Amps
pF
Maximum Reverse Recovery Time (Note 2)
TRR
50
nSec
oC/W
oC
1. Measured at 1.0 MHZ and applied reverse voltage of 0 volts.
2. Measured at applied froward current of 30mA ,reverse current of 30mA ,RL=100
and recovery to IRR=-3mA.
3. ESD sensitive product handling required.
* Maximum total power disspation is 350mW.
* Peak forward current is 625mA.
* High voltage capability.
@TP= 1uSec
@TP= 1Sec
4.0
1.0
@TA= 25OC
@TA= 150OC
100
100
MARKING
SOT-23
* LD8
(2)
(1)
(3)
.103 (2.64)
.028 (0.70)
.020 (0.50)
.055 (1.40)
.047 (1.20)
.045 (1.15)
.033 (0.85)
.086 (2.20)
(1)
(2)
(3)
Dimensions in inches and (millimeters)
SOT-23


Similar Part No. - CHBD3004CPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHBD3004APT CHENMKO-CHBD3004APT Datasheet
91Kb / 2P
   SWITCHING DIODE
CHBD3004BPT CHENMKO-CHBD3004BPT Datasheet
149Kb / 2P
   SWITCHING DIODE
CHBD3004BRMPT CHENMKO-CHBD3004BRMPT Datasheet
89Kb / 2P
   SWITCHING DIODE
CHBD3004PT CHENMKO-CHBD3004PT Datasheet
91Kb / 2P
   SWITCHING DIODE
CHBD3004SPT CHENMKO-CHBD3004SPT Datasheet
90Kb / 2P
   SWITCHING DIODE
More results

Similar Description - CHBD3004CPT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com