Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH3906N1PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CH3906N1PT
Description  PNP Switching Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CH3906N1PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CH3906N1PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CH3906N1PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CH3906N1PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CH3906N1PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING CHARACTERISTIC CURVES ( CH3906N1PT )
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb = 25 °C unless otherwise speciÞed.
Note
1. Pulse test: tp ≤ 300 µs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = - 30 V
-50
nA
IEBO
emitter cut-off current
IC = 0; VEB = 6 V
-50
nA
hFE
DC current gain
VCE = -1V; note 1
IC = -0.1mA
60
IC = -1mA
80
IC = -10 mA
100
300
IC = - 50 mA
60
IC = -100 mA
30
VCEsat
collector-emitter saturation
voltage
IC = -10 mA; IB = - 1 mA
-250
mV
IC = -50 mA; IB = - 5 mA
-650
-400
mV
VBEsat
base-emitter saturation voltage
IC = -10 mA; IB = -1mA
-850
mV
IC = -50 mA; IB = - 5 mA
-950
mV
10
pF
4.5
pF
Cc
collector capacitance
IE = ie = 0; VCB = - 5 V ; f = 1 MHz
Ce
emitter capacitance
IC = ic = 0; VEB = -500 mV;
f = 1 MHz
fT
transition frequency
IC = 10 mA; VCE = - 2 0 V ;
f = 100 MHz
250
MHz
F
noise Þgure
IC = 100 µA; VCE = - 5 V; RS = 1 k Ω ;
f = 10 Hz to 15.7 kHz
4
dB
Switching times (between 10% and 90% levels);
ton
turn-on time
ICon = -10 mA; IBon = -1 mA;
IBoff = 1 mA
65
ns
td
delay time
35
ns
tr
rise time
35
ns
toff
turn-off time
300
ns
ts
storage time
225
ns
tf
fall time
75
ns


Similar Part No. - CH3906N1PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CH3906MPT CHENMKO-CH3906MPT Datasheet
137Kb / 6P
   PNP Switching Transistor
CH3906PT CHENMKO-CH3906PT Datasheet
117Kb / 6P
   PNP Switching Transistor
CH3906SPT CHENMKO-CH3906SPT Datasheet
148Kb / 5P
   PNP Switching Transistor
CH3906TPT CHENMKO-CH3906TPT Datasheet
113Kb / 6P
   PNP Switching Transistor
CH3906VPT CHENMKO-CH3906VPT Datasheet
127Kb / 6P
   PNP Switching Transistor
More results

Similar Description - CH3906N1PT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
   PNP Switching Transistor
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
   PNP switching transistor
1999 May 10
PMBT4403215 NXP-PMBT4403215 Datasheet
128Kb / 7P
   PNP switching transistor
2004 Jan 21
logo
Guangdong Kexin Industr...
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
   PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
   PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
   PNP Switching Transistor
logo
Fairchild Semiconductor
ST5771 FAIRCHILD-ST5771 Datasheet
26Kb / 2P
   PNP Switching Transistor
logo
NXP Semiconductors
PMSS3906 PHILIPS-PMSS3906 Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com