Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH3906MPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # CH3906MPT
Description  PNP Switching Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CH3906MPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  CH3906MPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CH3906MPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CH3906MPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CH3906MPT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. CH3906MPT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd. CH3906MPT Datasheet HTML 6Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CH3906MPT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
PNP Switching Transistor
VOLTAGE 40 Volts
CURRENT 0.2 Ampere
APPLICATION
FEATURE
* Low current (Max.=200mA).
* Suitable for high packing density.
CONSTRUCTION
* PNP Switching Transistor
* Telephony and proferssional communction equipment.
* Other switching applications.
2004-6
* Low voltage (Max.=40V) .
* High saturation current capability.
* Voltage controlled small signal switch.
CIRCUIT
2
3
1
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
-40
V
VCEO
collector-emitter voltage
open base
-40
-5
V
V
VEBO
emitter-base voltage
open collector
IC
collector current DC
-200
mA
ICM
peak collector current
-200
mA
IBM
peak base current
-100
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SOT-723
* Small surface mounting type. (SOT-723)
* 37
MARKING
SOT-723
0.4
0.4
0.75~0.85
1.15~1.25
0.45~0.55
0.27~0.37
0.11~0.14
0.75~0.85
0.17~0.27
0.17~0.27
Dimensions in millimeters
(1)
(3)
(2)
1.15~1.25


Similar Part No. - CH3906MPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CH3906N1PT CHENMKO-CH3906N1PT Datasheet
110Kb / 4P
   PNP Switching Transistor
CH3906PT CHENMKO-CH3906PT Datasheet
117Kb / 6P
   PNP Switching Transistor
CH3906SPT CHENMKO-CH3906SPT Datasheet
148Kb / 5P
   PNP Switching Transistor
CH3906TPT CHENMKO-CH3906TPT Datasheet
113Kb / 6P
   PNP Switching Transistor
CH3906VPT CHENMKO-CH3906VPT Datasheet
127Kb / 6P
   PNP Switching Transistor
More results

Similar Description - CH3906MPT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
   PNP Switching Transistor
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
   PNP switching transistor
1999 May 10
PMBT4403215 NXP-PMBT4403215 Datasheet
128Kb / 7P
   PNP switching transistor
2004 Jan 21
logo
Guangdong Kexin Industr...
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
   PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
   PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
   PNP Switching Transistor
logo
Fairchild Semiconductor
ST5771 FAIRCHILD-ST5771 Datasheet
26Kb / 2P
   PNP Switching Transistor
logo
NXP Semiconductors
PMSS3906 PHILIPS-PMSS3906 Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com