Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH751WSPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CH751WSPT
Description  SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 30 mAmperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CH751WSPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CH751WSPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CH751WSPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( CH751WSPT )
10u
100u
1m
10m
100m
1
0
0.2
0.4
0.6
0.8
1.0
1.2
10n
100n
1u
10u
100u
1m
10m
.1
.2
.5
1.0
2.0
5.0
10
f=1MHz
FORWARD VOLTAGE, (V)
FIG. 1 - FORWARD CHARACTERISTICS
REVERSE VOLTAGE, (V)
FIG. 2 - REVERSE CHARACTERISTICS
0
10
20
30
40
REVERSE VOLTAGE, (V)
0
2
4
6
8
10
12
14
Ta =25oC
0
0
20
40
60
80
100
120
25
50
75
100
125
150
AMBIENT TEMPERATURE, (
oC)
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
FIG. 4 - TYPICAL FORWARD CURRENT
DERATING CURVE
Ta
=1
25
o
C
75
o C
25
o
C
-2
5
o
C
75
oC
50
oC
25
oC
100
oC
Ta=125
oC


Similar Part No. - CH751WSPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CH751WPT CHENMKO-CH751WPT Datasheet
1Mb / 2P
   SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 30 mAmperes
More results

Similar Description - CH751WSPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CH751WPT CHENMKO-CH751WPT Datasheet
1Mb / 2P
   SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 30 mAmperes
BAT54TCPT CHENMKO-BAT54TCPT Datasheet
230Kb / 2P
   SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 200 mAmperes
BAT54TAPT CHENMKO-BAT54TAPT Datasheet
230Kb / 2P
   SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 200 mAmperes
BAT54TSPT CHENMKO-BAT54TSPT Datasheet
294Kb / 2P
   SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 200 mAmperes
BAT54TPT CHENMKO-BAT54TPT Datasheet
225Kb / 2P
   SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 200 mAmperes
CH781UPT CHENMKO-CH781UPT Datasheet
192Kb / 2P
   SCHOTTKY DIODE ARRAY VOLTAGE 40 Volts CURRENT 175 mAmperes
BAS70APT CHENMKO-BAS70APT Datasheet
348Kb / 2P
   SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
BAS70WAPT CHENMKO-BAS70WAPT Datasheet
213Kb / 2P
   SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
BAS70WCPT CHENMKO-BAS70WCPT Datasheet
213Kb / 2P
   SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
BAS70TCPT CHENMKO-BAS70TCPT Datasheet
228Kb / 2P
   SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com