Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2231Y Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV2231Y
Description  Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2231Y Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2231Y Datasheet HTML 2Page - Texas Instruments TLV2231Y Datasheet HTML 3Page - Texas Instruments TLV2231Y Datasheet HTML 4Page - Texas Instruments TLV2231Y Datasheet HTML 5Page - Texas Instruments TLV2231Y Datasheet HTML 6Page - Texas Instruments TLV2231Y Datasheet HTML 7Page - Texas Instruments TLV2231Y Datasheet HTML 8Page - Texas Instruments TLV2231Y Datasheet HTML 9Page - Texas Instruments TLV2231Y Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TLV2231, TLV2231Y
Advanced LinCMOS
™ RAIL-TO-RAIL
LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS158C – JUNE 1996 – REVISED SEPTEMBER 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VDD = 3 V
PARAMETER
TEST CONDITIONS
TA†
TLV2231C
TLV2231I
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Slew rate at unity
25
°C
0.75
1.25
0.75
1.25
SR
Slew rate at unity
gain
VO = 1.1 V to 1.9 V,
CL = 100 pF‡
RL = 600 Ω‡,
Full
range
0.5
0.5
V/
µs
V
Equivalent input
f = 10 Hz
25
°C
105
105
nV/
√Hz
Vn
q
noise voltage
f = 1 kHz
25
°C
16
16
nV/
√Hz
VN(PP)
Peak-to-peak
equivalent input
f = 0.1 Hz to 1 Hz
25
°C
1.4
1.4
µV
VN(PP) equivalent input
noise voltage
f = 0.1 Hz to 10 Hz
25
°C
1.5
1.5
µV
In
Equivalent input
noise current
25
°C
0.6
0.6
fA /
√Hz
VO = 1 V to 2 V,
f
20 kHz
AV = 1
25
°C
0.285%
0.285%
Total harmonic
f = 20 kHz,
RL = 600 Ω‡
AV = 10
25
°C
7.2%
7.2%
THD+N
distortion plus
noise
VO = 1Vto2V,
AV = 1
0.014%
0.014%
noise
VO = 1 V to 2 V,
f = 20 kHz,
§
AV = 10
25
°C
0.098%
0.098%
RL = 600 Ω§
AV = 100
0.13%
0.13%
Gain-bandwidth
product
f = 10 kHz,
CL = 100 pF‡
RL = 600 Ω‡,
25
°C
1.9
1.9
MHz
BOM
Maximum output-
swing bandwidth
VO(PP) = 1 V,
RL = 600 Ω‡,
AV = 1,
CL = 100 pF‡
25
°C
60
60
kHz
t
Settling time
AV = –1,
Step = 1 V to 2 V,
To 0.1%
25
°C
0.9
0.9
µs
ts
Settling time
,
RL = 600 Ω‡,
CL = 100 pF‡
To 0.01%
25
°C
1.5
1.5
µs
φm
Phase margin at
unity gain
RL = 600 Ω‡,
CL = 100 pF‡
25
°C
50
°
50
°
Gain margin
L
,
L
25
°C
8
8
dB
† Full range is – 40
°C to 85°C.
‡ Referenced to 1.5 V
§ Referenced to 0 V


Similar Part No. - TLV2231Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2231CDBVR TI1-TLV2231CDBVR Datasheet
767Kb / 30P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2231CDBVRG4 TI1-TLV2231CDBVRG4 Datasheet
767Kb / 30P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2231CDBVT TI1-TLV2231CDBVT Datasheet
767Kb / 30P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2231CDBVTG4 TI1-TLV2231CDBVTG4 Datasheet
767Kb / 30P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2231IDBVR TI1-TLV2231IDBVR Datasheet
767Kb / 30P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2231Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2731 TI-TLV2731 Datasheet
631Kb / 28P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2721 TI-TLV2721 Datasheet
579Kb / 28P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X Datasheet
817Kb / 51P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274ACPW TI-TLC2274ACPW Datasheet
816Kb / 52P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2221 TI-TLV2221 Datasheet
593Kb / 29P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X Datasheet
816Kb / 52P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI1-TLV226X_15 Datasheet
2Mb / 64P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2711 TI-TLV2711 Datasheet
551Kb / 28P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2211 TI-TLV2211 Datasheet
529Kb / 29P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X Datasheet
926Kb / 57P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com