Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60018HPAA0NNF Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # PQ60018HPAA0NNF
Description  Half-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60018HPAA0NNF Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button PQ60018HPAA0NNF Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60018HPAA0NNF Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60018HPAA0NNF Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60018HPAA0NNF Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60018HPAA0NNF Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60018HPAA0NNF Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60018HPAA0NNF Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60018HPAA0NNF Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ60018HPAA0NNF Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Product # PQ60018HPAA0
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HP618A Rev. C
3/08/05
Page 10
Input:
Input:
Output:
Output:
Current:
Current:
P
Package:
ackage:
35-75 V
35-75 V
1.8 V
1.8 V
100 A
100 A
Half-brick
Half-brick
T
Technical S
echnical Specification
pecification
across the output (pins 11 and 5) to determine when it should
trigger, not the voltage across the converter’s sense leads (pins 9
and 7). Therefore, the resistive drop on the board should be
small enough so that output OVP does not trigger, even during
load transients.
OUTPUT VOLTAGE TRIM (Pin 8): The TRIM input permits the
user to adjust the output voltage across the sense leads up or
down according to the trim range specifications.
To decrease the output voltage, the user should connect a resistor
between Pin 8 and Pin 7 (SENSE(-) input). For a desired decrease
of the nominal output voltage, the value of the resistor should be
Rtrim-down =
(
100%) - 2 (k)
where
∆% =
Vnominal – Vdesired x 100%
Vnominal
To increase the output voltage, the user should connect a resistor
between Pin 8 and Pin 9 (SENSE(+) input). For a desired increase
of the nominal output voltage, the value of the resistor should be
Figure C graphs the relationship between the trim resistor value
and Rtrim-up and Rtrim-down, showing the total range the output
voltage can be trimmed up or down.
Figure C: Trim Graph for 1.8Vout module
Note: the TRIM feature does not affect the voltage at which the
output over-voltage protection circuit is triggered. Trimming the
output voltage too high may cause the over-voltage protection
circuit to engage, particularly during transients.
It is not necessary for the user to add capacitance at the Trim pin.
The node is internally bypassed to eliminate noise.
Total DC Variation of Vout: For the converter to meet its full
specifications, the maximum variation of the DC value of Vout,
due to both trimming and remote load voltage drops, should not
be greater than that specified for the output voltage trim range.
PROTECTION FEATURES
Input Under-Voltage Lockout: The converter is designed to
turn off when the input voltage is too low, helping avoid an input
system instability problem, described in more detail in the appli-
cation note titled “Input System Instability”. The lockout circuitry
is a comparator with DC hysteresis. When the input voltage is ris-
ing, it must exceed the typical Turn-On Voltage Threshold value
(listed on the specification page) before the converter will turn
on. Once the converter is on, the input voltage must fall below
the typical Turn-Off Voltage Threshold value before the converter
will turn off.
Input Over-Voltage Shutdown: Available on PQ48 models
only. The converter turns off when the input voltage is too high,
allowing the converter to withstand an input voltage as high as
100V without destruction. The shutdown circuitry is a compara-
tor with DC hysteresis. When the input voltage exceeds the typi-
cal Input Over-Voltage Shutdown value, the converter will turn off.
Once the converter is off, it will turn back on when the input volt-
age falls below the minimum Input Over-Voltage Shutdown value.
Output Current Limit: The maximum current limit remains con-
stant as the output voltage drops. However, once the impedance
of the short across the output is small enough to make the output
voltage drop below the specified Output DC Current-Limit
Shutdown Voltage, the converter turns off.
The converter then enters a “hiccup mode” where it repeatedly
turns on and off at a 5 Hz (nominal) frequency with a 5% duty
cycle until the short circuit condition is removed. This prevents
excessive heating of the converter or the load board.
Output Over-Voltage Limit: If the voltage across the output
pins exceeds the Output Over-Voltage Protection threshold, the
converter will immediately stop switching. This prevents damage
to the load circuit due to 1) excessive series resistance in output
current path from converter output pins to sense point, 2) a
release of a short-circuit condition, or 3) a release of a current
limit condition. Load capacitance determines exactly how high
the output voltage will rise in response to these conditions. After
1
10
100
1,000
02468
10
12
14
16
18
20
% Increase in Vout
% Decrease in Vout
(k
)
Rtrim-up =
(
Vnominal – 2) x VDES + VNOM
1.225
VDES - VNOM


Similar Part No. - PQ60018HPAA0NNF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60018HPA80 SYNQOR-PQ60018HPA80 Datasheet
639Kb / 14P
   Half-brick DC/DC Converter
PQ60018HPA80NKF SYNQOR-PQ60018HPA80NKF Datasheet
639Kb / 14P
   Half-brick DC/DC Converter
PQ60018HPA80NKS SYNQOR-PQ60018HPA80NKS Datasheet
639Kb / 14P
   Half-brick DC/DC Converter
PQ60018HPA80NNF SYNQOR-PQ60018HPA80NNF Datasheet
639Kb / 14P
   Half-brick DC/DC Converter
PQ60018HPA80NNS SYNQOR-PQ60018HPA80NNS Datasheet
639Kb / 14P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60018HPAA0NNF

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com