Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60018EKC25PNS-G Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # PQ60018EKC25PNS-G
Description  Eighth-brick DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60018EKC25PNS-G Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  PQ60018EKC25PNS-G Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60018EKC25PNS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60018EKC25PNS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60018EKC25PNS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60018EKC25PNS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60018EKC25PNS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60018EKC25PNS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60018EKC25PNS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60018EKC25PNS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Product # PQ60018EKx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005113 Rev. B
06/12/09
Page 4
Input:
Output:
Current:
Part No.:
35-75V
1.8V
25A
PQ60018EKx25
Technical Specification
PQ60018EKx25 (1.8V, 25A) Electrical Characteristics
Ta = 25°C, airflow rate = 300 LFM, Vin = 48Vdc unless otherwise noted; full operating temperature range is -40°C to +100°C baseplate temperature
with appropriate power derating. Specifications subject to change without notice.
Parameter
Min.
Typ.
Max. Units Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
100
V
Continuous
Operating
75
V
Continuous
Operating Transient Protection
100
V
100ms transient, square wave
Isolation Voltage
Input to Output
2000
V dc
Basic insulation
Operating Temperature
-40
100
°C
Storage Temperature
-55
125
°C
Voltage at ON/OFF input pin
0
13.5
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
35
48
75
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
33.0
34.0
35.0
V
Turn-Off Voltage Threshold
31.5
32.3
33.5
V
See Note 1
Lockout Voltage Hysteresis
1.2
1.7
2.2
V
Maximum Input Current
1.6
A
100% Load, 35V Vin, nominal Vout
No-Load Input Current
62
mA
Disabled Input Current
7.7
12
mA
Inrush Current Transient Rating
0.03
A2s
Response to Input Transient
88
mV
1000V/ms input transient
Input Reflected Ripple Current
1.6
mA
RMS thru 10μH inductor; Figures 13 & 15
Input Terminal Ripple Current
50
mA
RMS; Figures 13 & 14
Recommended Input Fuse
20
A
Fast acting external fuse recommended
Recommended External Input Capacitance
47
µF
Typical ESR 0.1-0.2Ω; Figure 13
Input Filter Component Values (L\C)
1\2.35
µH\µF Internal values; see Figure E
OUTPUT CHARACTERISTICS
Output Voltage Set Point
1.782
1.80
1.818
V
Output Voltage Regulation
Over Line
±0.1\1.8
%\mV
Over Load
±0.2\3.6
%\mV
Over Temperature
±5
mV
Total Output Voltage Range
1.764
1.8
1.836
V
Over sample, line, load, temperature & life
Output Voltage Ripple and Noise
20MHz bandwidth; see Note 2
Peak-to-Peak
86
mV
Full load; see Figures 13 & 16
RMS
30
mV
Full load; see Figures 13 & 16
Operating Output Current Range
0
25
A
Subject to thermal derating; Figures 5 - 8
Output DC Current-Limit Inception
25.5
27.0
29.0
A
Output DC Current-Limit Shutdown Voltage
1.6
V
Back-Drive Current Limit while Enabled
8
13
22
A
Negative current drawn from output
Back-Drive Current Limit while Disabled
0.6
mA
Negative current drawn from output
Maximum Output Capacitance Electrolytic
10
mF
Nominal Vout at full load (resistive load)
EFFICIENCY
100% Load
84
%
Figures 1 - 4
50% Load
85
%
Figures 1 - 4


Similar Part No. - PQ60018EKC25PNS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60018EGA20NKS SYNQOR-PQ60018EGA20NKS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NNS SYNQOR-PQ60018EGA20NNS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NRS SYNQOR-PQ60018EGA20NRS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NYS SYNQOR-PQ60018EGA20NYS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20PKS SYNQOR-PQ60018EGA20PKS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
More results

Similar Description - PQ60018EKC25PNS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com