Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60018HPA80NNF Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # PQ60018HPA80NNF
Description  Half-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60018HPA80NNF Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button PQ60018HPA80NNF Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60018HPA80NNF Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60018HPA80NNF Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60018HPA80NNF Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60018HPA80NNF Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60018HPA80NNF Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60018HPA80NNF Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60018HPA80NNF Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60018HPA80NNF Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Product # PQ60018HPA80
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HP618K Rev. E
03/06/06
Page 6
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
1.8 V
1.8 V
80 A
80 A
Half-brick
Half-brick
T
Technical S
echnical Specification
pecification
0
10
20
30
40
50
60
70
80
0
25
40
55
70
85
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 7: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 0 LFM through 400 LFM with air flowing
from output to input (nominal input voltage).
Figure 8: Thermal plot of converter at 78 amp load current with 55°C
air flowing at the rate of 200 LFM. Air is flowing across the converter
from output to input (nominal input voltage).
Figure 9: Turn-on transient at full load (resistive load) (10 ms/div).
Input voltage pre-applied. Top Trace: Vout (500mV/div). Bottom
Trace: ON/OFF input (5V/div)
Figure 10: Turn-on transient at zero load (10 ms/div).
Top Trace: Vout (500mV/div)
Bottom Trace: ON/OFF input (5V/div)
Figure 11: Output voltage response to step-change in load current (50%-75%-50%
of Iout(max); dI/dt = 0.1A/µs). Load cap: 15µF, 450 m
ESR tantalum capacitor and
1µF ceramic capacitor. Top trace: Vout (100mV/div), Bottom trace: Iout (20A/div).
Figure 12: Output voltage response to step-change in load current (50%-75%-50%
of Iout(max): dI/dt = 5A/µs). Load cap: 480µF, 15 m
ESR tantalum capacitor and
1µF ceramic capacitor. Top trace: Vout (200mV/div), Bottom trace: Iout (20A/div).


Similar Part No. - PQ60018HPA80NNF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60018HPAA0 SYNQOR-PQ60018HPAA0 Datasheet
624Kb / 14P
   Half-brick DC/DC Converter
PQ60018HPAA0NKF SYNQOR-PQ60018HPAA0NKF Datasheet
624Kb / 14P
   Half-brick DC/DC Converter
PQ60018HPAA0NKS SYNQOR-PQ60018HPAA0NKS Datasheet
624Kb / 14P
   Half-brick DC/DC Converter
PQ60018HPAA0NNF SYNQOR-PQ60018HPAA0NNF Datasheet
624Kb / 14P
   Half-brick DC/DC Converter
PQ60018HPAA0NNS SYNQOR-PQ60018HPAA0NNS Datasheet
624Kb / 14P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60018HPA80NNF

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com