Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60018ETL45PRS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ60018ETL45PRS
Description  Eighth-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60018ETL45PRS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60018ETL45PRS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60018ETL45PRS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60018ETL45PRS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60018ETL45PRS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60018ETL45PRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60018ETL45PRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60018ETL45PRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60018ETL45PRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60018ETL45PRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Product # PQ60018ETL45
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ET618F Rev. B
06/01/09
Page 1
Technical
Specification
PQ60018ETL45
The PQ60018ETL45 PowerQor® Tera eighth-brick converter
is a next-generation, board-mountable, isolated, fixed
switching frequency DC/DC converter that uses synchronous
rectification to achieve extremely high conversion efficiency.
The power dissipated by the converter is so low that
a heatsink is not required, which saves cost, weight,
height, and application effort. All of the power and
control components are mounted to the multi-layer PCB
substrate with high-yield surface mount technology. Since
the PowerQor converter has no explicit thermal interfaces,
it is extremely reliable. RoHS Compliant (see page 14).
PQ60018ETL45 Module
48Vin
1.8Vout
45A
2250Vdc
Eighth-brick
Input
Output
Current
Isolation
DC/DC Converter
•Inputunder-voltagelockoutdisablesconverteratlowinput
voltage conditions
•Outputcurrentlimitandshortcircuitprotectionprotects
converter and load from permanent damage and
consequent hazardous conditions
•Activebackbiaslimitpreventsdamagetoconverterfrom
external load induced pre-bias
•Outputover-voltageprotectionprotectsloadfrom
damaging voltages
•Thermalshutdownprotectsconverterfromabnormal
environmental conditions
Protection Features
Safety Features
•2250V,30MΩ input-to-output isolation
•Certifiedto60950-1requirementsforbasicinsulation
(see Standards and Qualifications page)
•RoHScompliant(seePage14)
•On/Offcontrolreferencedtoinputside(positiveand
negative logic options are available)
•Remote sense for the output voltage compensates for
output distribution drops
•Outputvoltagetrimpermitscustomvoltagesand
voltage margining
Control Features
•Highefficiency,87%atfullratedloadcurrent
•Deliversupto45Aofoutputcurrentwithminimalderating
- no heatsink required
•Wideinputvoltagerange:35-75V,with100V100ms
input voltage transient capability
•FixedfrequencyswitchingprovidespredictableEMI
performance
•Nominimumloadrequirement-nopreloadresistorsrequired
Operational Features
•Industrystandardeighth-brickpin-outconfiguration
•Openframesize:0.90”x2.3”(22.9x58.4mm)
•Totalheightonly0.320”(8.13mm)L-option,permitsbetter
airflow and smaller card pitch
•Openframetotalweight:0.85oz(24g)
•Openframeunitshaveflangedpinsdesignedto
permit surface mount soldering (avoid wave solder)
usingFPiPtechnique
Mechanical Features
Contents
Page No.
Mechanical Drawings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2-3
PQ60018ETL45 Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . 4-5
PQ60-ET Family Standards and Qualifications (all output voltages) . . . . 5
PQ60018ETL45 Figures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6-9
Application Section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10-13
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14


Similar Part No. - PQ60018ETL45PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60018EGA20NKS SYNQOR-PQ60018EGA20NKS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NNS SYNQOR-PQ60018EGA20NNS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NRS SYNQOR-PQ60018EGA20NRS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NYS SYNQOR-PQ60018EGA20NYS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20PKS SYNQOR-PQ60018EGA20PKS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
More results

Similar Description - PQ60018ETL45PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com