Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60018EKA25PKS-G Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # PQ60018EKA25PKS-G
Description  Eighth-brick DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60018EKA25PKS-G Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button PQ60018EKA25PKS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60018EKA25PKS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60018EKA25PKS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60018EKA25PKS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60018EKA25PKS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60018EKA25PKS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60018EKA25PKS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60018EKA25PKS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60018EKA25PKS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Product # PQ60018EKx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005113 Rev. B
06/12/09
Page 6
Input:
Output:
Current:
Part No.:
35-75V
1.8V
25A
PQ60018EKx25
Technical Specification
Parameter
Notes & Conditions
STANDARDS COMPLIANCE
UL/cUL 60950-1
File # E194341, Basic insulation
EN60950-1
Certified by TUV
Needle Flame Test (IEC 695-2-2)
Test on entire assembly; board & plastic components UL94V-0 compliant
IEC 61000-4-2
ESD test, 8 kV - NP, 15 kV air - NP (Normal Performance)
Note: An external input fuse must always be used to meet these safety requirements. Contact SynQor for official safety certificates on new
releases or download from the SynQor website.
Parameter
# Units
Test Conditions
QUALIFICATION TESTING
Life Test
32
95% rated Vin and load, units at derating point, 1000 hours
Vibration
5
10-55 Hz sweep, 0.060" total excursion, 1 min./sweep, 120 sweeps for 3 axis
Mechanical Shock
5
100g minimum, 2 drops in x and y axis, 1 drop in z axis
Temperature Cycling
10
-40 °C to 100 °C, unit temp. ramp 15 °C/min., 500 cycles
Power/Thermal Cycling
5
Toperating = min to max, Vin = min to max, full load, 100 cycles
Design Marginality
5
Tmin-10 °C to Tmax+10 °C, 5 °C steps, Vin = min to max, 0-105% load
Humidity
5
85 °C, 85% RH, 1000 hours, continuous Vin applied except 5 min/day
Solderability
15 pins
MIL-STD-883, method 2003
PQ60018EKx25 Standards & Qualification Testing
Pending


Similar Part No. - PQ60018EKA25PKS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60018EGA20NKS SYNQOR-PQ60018EGA20NKS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NNS SYNQOR-PQ60018EGA20NNS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NRS SYNQOR-PQ60018EGA20NRS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NYS SYNQOR-PQ60018EGA20NYS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20PKS SYNQOR-PQ60018EGA20PKS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
More results

Similar Description - PQ60018EKA25PKS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com