Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60015QTA40NYS Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # PQ60015QTA40NYS
Description  40 Amp, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015QTA40NYS Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button PQ60015QTA40NYS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60015QTA40NYS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60015QTA40NYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60015QTA40NYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015QTA40NYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015QTA40NYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015QTA40NYS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60015QTA40NYS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60015QTA40NYS Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Product # PQ60015QTA40
Phone 1-888-567-9596
Doc.# 005-2QT651C Rev. C
2/6/04
Page 7
Performance Curves
48Vin 1.5Vout 40A
Quarter
Quarter
Brick
Brick
Figure 14: Input Terminal Ripple Current, ic, at full rated output cur-
rent and nominal input voltage with 10µH source impedance and 47µF
electrolytic capacitor (100 mA/div). See Figure 13.
Figure 15: Input reflected ripple current, is, through a 10 µH source
inductor at nominal input voltage and rated load current (10 mA/div).
See Figure 13.
Figure 16: Output voltage ripple at nominal input voltage and rated
load current (20 mV/div). Load capacitance: 1µF ceramic capacitor
and 10µF tantalum capacitor. Bandwidth: 500 MHz. See Figure 13.
Figure 13: Test set-up diagram showing measurement points for Input
Terminal Ripple Current (Figure 14), Input Reflected Ripple Current
(Figure 15) and Output Voltage Ripple (Figure 16).
10 µH
source
impedance
DC/DC
Converter
Figure 15
Figure 14
Figure 16
1 µF
ceramic
capacitor
10 µF,
100m
Ω ESR
tantalum
capacitor
47 µF,
≅1Ω ESR
electrolytic
capacitor
VSOURCE
i
S
i
C
VOUT
Figure 17: Output voltage response to step-change in input voltage
(50V to 100V in 40µs). Load cap: 10µF, 100 m
Ω ESR tantalum capaci-
tor and 1µF ceramic cap. Ch 1: Vout (100mV/div), Ch 2: Vin (20V/div).
Figure 18: Load current (50A/div) as a function of time when the con-
verter attempts to turn on into a 1 m
Ω short circuit. Bottom trace
(2ms/div) is an expansion of the on-time portion of the top trace.


Similar Part No. - PQ60015QTA40NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15NKS SYNQOR-PQ60015QML15NKS Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15NNS SYNQOR-PQ60015QML15NNS Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15NRS SYNQOR-PQ60015QML15NRS Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60015QTA40NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60025QTA40 SYNQOR-PQ60025QTA40 Datasheet
739Kb / 13P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HGA40 SYNQOR-PQ48025HGA40 Datasheet
833Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ60033HGA40 SYNQOR-PQ60033HGA40 Datasheet
827Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48015HGA40 SYNQOR-PQ48015HGA40 Datasheet
827Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ60012QTA40 SYNQOR-PQ60012QTA40 Datasheet
817Kb / 13P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48018HGA40 SYNQOR-PQ48018HGA40 Datasheet
831Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HMA30 SYNQOR-PQ48025HMA30 Datasheet
785Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com