Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60015QPA60PK2 Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # PQ60015QPA60PK2
Description  Quarter-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015QPA60PK2 Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  PQ60015QPA60PK2 Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60015QPA60PK2 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60015QPA60PK2 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60015QPA60PK2 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60015QPA60PK2 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60015QPA60PK2 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015QPA60PK2 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015QPA60PK2 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015QPA60PK2 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Product # PQ60015QPA60
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QP651F Rev. B
01/23/08
Page 3
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
1.5 V
1.5 V
60 A
60 A
Quarter-brick
Quarter-brick
Parameter
Min.
Typ.
Max.
Units
Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
100
V
Continuous
Operating
80
V
Continuous
Operating Transient Protection
100
V
100ms transient; square wave
Isolation Voltage (input to output)
2000
V
Basic insulation; Pollution Degree 2
Operating Temperature
-40
100
°C
Storage Temperature
-55
125
°C
Voltage at ON/OFF input pin
-2
18
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
35
48
75
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
32
33
34
V
Turn-Off Voltage Threshold
28.5
29.5
30.5
V
Lockout Voltage Hysteresis
2.5
3.5
4.5
V
Maximum Input Current
3.2
A
100% Load, 35 Vin
No-Load Input Current
45
65
mA
Disabled Input Current
1.6
3
mA
Inrush Current Transient Rating
0.01
A2s
Response to Input Transient
150
mV
1000V/ms input transient
Input Reflected Ripple Current
25
mA
P-P thru 10µH inductor; Figures 17 & 19
Input Terminal Ripple Current
215
mA
RMS; Figures 17 & 18
Recommended Input Fuse
20
A
Fast blow external fuse recommended
Input Filter Component Values (L\C)
2.0\6.6
µH\µF
Internal values, see
Figure E
Recommended External Input Capacitance
47
µF
Typical ESR 0.1-0.2W, see Figure
17
OUTPUT CHARACTERISTICS
Output Voltage Set Point
1.485
1.500
1.515
V
Output Voltage Regulation
Over Line
+0.1 \ 2
+0.3 \ 5
%\mV
Over Load
+0.1 \ 2
+0.3 \ 5
%\mV
Over Temperature
+6
+20
mV
Total Output Voltage Range
1.455
1.545
V
Over sample, line, load, temperature & life
Output Voltage Ripple and Noise1
500MHz bandwidth; Figures 17 & 20
Peak-to-Peak
50
100
mV
Full Load, see Figures 17 & 20
RMS
10
30
mV
Full Load, see Figures 17 & 20
Operating Output Current Range
0
60
A
Subject to thermal derating; Figures 5 - 12
Output DC Current-Limit Inception
66
69
72
A
Output Voltage 10% Low
Output DC Current-Limit Shutdown Voltage
0.9
V
Back-Drive Current Limit while Enabled
0.5
1.1
2.5
A
Negative current drawn from output
Back-Drive Current Limit while Disabled
0
10
50
mA
Negative current drawn from output
Maximum Output Capacitance
30,000
µF
1.5Vout at 60A Resistive Load
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
82
dB
120 Hz; Figure 26
Output Voltage during Load Current Transient
For a Step Change in Output Current (0.1A/µs)
80
mV
50% to 75% to 50% Iout max; Figure 15
For a Step Change in Output Current (1A/µs)
190
mV
50% to 75% to 50% Iout max; Figure 16
Settling Time
400
µs
To within 1% Vout nom
Turn-On Transient
Turn-On Time
4
8
ms
Full load, Vout=90% nom.; Figures 13 & 14
Start-Up Inhibit Time
180
200
240
ms
-40°C to +125°C; Figure F
Output Voltage Overshoot
0
%
30,000 µF load capacitance, Iout = 0A
EFFICIENCY
100% Load
85
%
Figures 1 - 4
50% Load
89
%
Figures 1 - 4
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150°C
Board Temperature
125
°C
UL rated max operating temp 130°C
Transformer Temperature
125
°C
See Figures 5 - 12 for derating curves
ISOLATION CHARACTERISTICS
Isolation Voltage (dielectric strength)
2000
V
Isolation Resistance
30
MW
Isolation Capacitance2
470
pF
PQ60015QPA60 ELECTRICAL CHARACTERISTICS
TA=25°C, airflow rate=300 LFM, Vin=48Vdc unless otherwise noted; full operating temperature range is -40°C to +100°C ambient
temperature with appropriate power derating. Specifications subject to change without notice.
Note 1: For applications requiring reduced output voltage ripple and noise, consult SynQor applications support (e-mail: support@synqor.com)
Note 2: Higher values of isolation capacitance can be added external to the module.


Similar Part No. - PQ60015QPA60PK2

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15NKS SYNQOR-PQ60015QML15NKS Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15NNS SYNQOR-PQ60015QML15NNS Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15NRS SYNQOR-PQ60015QML15NRS Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60015QPA60PK2

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com