Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60015HPAA0NNS-G Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ60015HPAA0NNS-G
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015HPAA0NNS-G Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60015HPAA0NNS-G Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60015HPAA0NNS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60015HPAA0NNS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60015HPAA0NNS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60015HPAA0NNS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60015HPAA0NNS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015HPAA0NNS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015HPAA0NNS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015HPAA0NNS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
The PQ60015HPAA0 PowerQor® Peta half-brick converter
is a next-generation, board-mountable, isolated, fixed
switching frequency DC/DC converter that uses synchro-
nous rectification to achieve extremely high conversion
efficiency. The power dissipated by the converter is so low
that a heatsink is not required, which saves cost, weight,
height, and application effort. All of the power and control
components are mounted to the multi-layer PCB substrate
with high-yield surface mount technology for maximum reli-
ability. The Peta series converters offer industry leading
output current for a standard “half-brick” module. The Peta
units also feature active current sharing for N+1 and paral-
lel applications. RoHS compliant (see page 13).
48Vin
1.5Vout 100Amp
2000Vdc
Half-brick
Input
Output
Current
Isolation
DC/DC Converter
• 2000V,30MΩinput-to-outputisolation
• UL60950-1:2003
• CAN/CSA-C22.2No.60950-1:2003
• EN60950-1:2001
• RoHScompliant(seepage13)
Safety Features
• Industrystandardpin-outconfiguration
• Industrystandardsize:2.3”x2.4”(58.4x61.0mm)
• Totalheightonly0.43”(10.8mm),permitsbetterairflow
andsmallercardpitch
• Totalweight:2.9oz.(83grams)
Mechanical Features
• Ultra-highefficiency,>89%halfload,>83%fullload
• Deliversupto100ampsofoutputcurrentwithminimal
derating-noheatsinkrequired
• Wideinputvoltagerange:35–75V,with100V100ms
inputvoltagetransientcapability
• Fixedfrequencyswitchingprovidespredictable
EMIperformance
Operational Features
• Inputunder-voltagelockoutdisablesconverteratlowinput
voltageconditions
• Outputcurrentlimitandshortcircuitprotection>
• Activebackbiaslimitpreventsdamagetoconverterfrom
externalloadinducedpre-bias
• Outputover-voltageprotection
• Thermalshutdown
Protection Features
• On/Offcontrolreferencedtoinputside(positiveand
negativelogicoptionsareavailable)
• Remotesensefortheoutputvoltagecompensatesfor
outputdistributiondrops
• Outputvoltagetrimpermitscustomvoltagesand
voltagemargining
Control Features
• ActivecurrentshareforN+1andparallelapplications
• ExternalClockSynchronizationpinforbetter
EMIcharacteristics
• StartupSynchronizationpinformoreconsistent
start-upsequence
Optional Features
Product # PQ60015HPAA0
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HP651K Rev. D
05\20\09
Page 1
Technical
Specification
PQ60015HPAA0
PQ60015HPAA0 Module


Similar Part No. - PQ60015HPAA0NNS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015HTA60 SYNQOR-PQ60015HTA60 Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015HTA60NKF SYNQOR-PQ60015HTA60NKF Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015HTA60NKS SYNQOR-PQ60015HTA60NKS Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015HTA60NNF SYNQOR-PQ60015HTA60NNF Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015HTA60NNS SYNQOR-PQ60015HTA60NNS Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60015HPAA0NNS-G

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com