Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60015HPAA0NKS-G Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # PQ60015HPAA0NKS-G
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015HPAA0NKS-G Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  PQ60015HPAA0NKS-G Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60015HPAA0NKS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60015HPAA0NKS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60015HPAA0NKS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60015HPAA0NKS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60015HPAA0NKS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015HPAA0NKS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015HPAA0NKS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015HPAA0NKS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Input:
Output:
Current:
Package:
35-75 V
1.5 V
100 A
Half-brick
Technical Specification
65
70
75
80
85
90
95
0
10
20
30
40
50
60
70
80
90
100
Load Current (A)
35 Vin
48 Vin
75 Vin
82
83
84
85
86
87
88
89
90
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Figure 2: Efficiency at nominal output voltage and 60% rated power
vs. airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C
(nominal input voltage).
0
5
10
15
20
25
30
0
10
20
30
40
50
60
70
80
90
100
Load Current (A)
35 Vin
48 Vin
75 Vin
Figure 3: Power dissipation at nominal output voltage vs. load current
for minimum, nominal, and maximum input voltage at 25°C.
8.0
9.0
10.0
11.0
12.0
13.0
14.0
0
100
200
300
400
500
Air Flow
(LFM)
25 C
40 C
55 C
Figure 4: Power dissipation at nominal output voltage and 60% rated
power vs. airflow rate for ambient air temperatures of 25°C, 40°C, and
55°C (nominal input voltage).
0
10
20
30
40
50
60
70
80
90
100
0
25
40
55
70
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0 LFM (0 m/s)
Figure 5: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 0 LFM through 400 LFM with air flowing
from input to output (nominal input voltage).
Figure 6: Thermal plot of converter at 84 amp load current with 55°C
air flowing at the rate of 200 LFM. Air is flowing across the converter
from input to output (nominal input voltage).
Figure 1: Efficiency at nominal output voltage vs. load current for
minimum, nominal, and maximum input voltage at 25°C.
Product # PQ60015HPAA0
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HP651K Rev. D
05\20\09
Page 5


Similar Part No. - PQ60015HPAA0NKS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015HTA60 SYNQOR-PQ60015HTA60 Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015HTA60NKF SYNQOR-PQ60015HTA60NKF Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015HTA60NKS SYNQOR-PQ60015HTA60NKS Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015HTA60NNF SYNQOR-PQ60015HTA60NNF Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015HTA60NNS SYNQOR-PQ60015HTA60NNS Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60015HPAA0NKS-G

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com