Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1572 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1572
Description  2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1572 Datasheet(HTML) 2 Page - Texas Instruments

  TLV1572 Datasheet HTML 1Page - Texas Instruments TLV1572 Datasheet HTML 2Page - Texas Instruments TLV1572 Datasheet HTML 3Page - Texas Instruments TLV1572 Datasheet HTML 4Page - Texas Instruments TLV1572 Datasheet HTML 5Page - Texas Instruments TLV1572 Datasheet HTML 6Page - Texas Instruments TLV1572 Datasheet HTML 7Page - Texas Instruments TLV1572 Datasheet HTML 8Page - Texas Instruments TLV1572 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TLV1572
2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS
SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
SLAS171A – DECEMBER 1997– REVISED SEPTEMBER 1998
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
AIN
SCLK
FS
CS
DO
10-BIT
SAR ADC
CONTROL LOGIC
VCC
GND
VREF
GND
VREF
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CS/Powerdown
1
I
Chip Select. A low on this input enables the TLV1572. A high disables the device and disconnects the power
to the TLV1572.
AIN
2
I
Analog input
VREF
3
I
Reference voltage input. The voltage applied to this pin defines the input span of the TLV1572.
GND
4
Ground
DO
5
O
Serial data output. A/D conversion results are provided at this output pin.
FS
6
I
Frame sync input in DSP mode. The falling edge of the frame sync pulse from DSP indicates the start of
a serial data frame shifted out of the TLV1572. The FS input is tied to VCC when interfacing to a
micro-controller.
SCLK
7
I
Serial clock input. This clock synchronizes the serial data transfer and is also used for internal data
conversion.
VCC
8
Power supply, recommend connection to analog supply


Similar Part No. - TLV1572

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1572 TI1-TLV1572 Datasheet
515Kb / 16P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572CD TI1-TLV1572CD Datasheet
504Kb / 15P
[Old version datasheet]   SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572CD TI1-TLV1572CD Datasheet
515Kb / 16P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572CDG4 TI1-TLV1572CDG4 Datasheet
504Kb / 15P
[Old version datasheet]   SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572CDG4 TI1-TLV1572CDG4 Datasheet
515Kb / 16P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
More results

Similar Description - TLV1572

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1572 TI1-TLV1572_14 Datasheet
515Kb / 16P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
THS1031 TI-THS1031 Datasheet
358Kb / 26P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1030 TI-THS1030 Datasheet
302Kb / 22P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
TLV1572IDR TI1-TLV1572IDR Datasheet
504Kb / 15P
[Old version datasheet]   SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
logo
NXP Semiconductors
TDA8790 PHILIPS-TDA8790 Datasheet
142Kb / 20P
   8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
logo
Texas Instruments
THS1031CPW TI-THS1031CPW Datasheet
734Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1031IPW TI-THS1031IPW Datasheet
734Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
DAC6571 TI-DAC6571 Datasheet
524Kb / 22P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com