Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLV1562 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. TLV1562
Description  2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1562 Datasheet(HTML) 3 Page - Texas Instruments

  TLV1562 Datasheet HTML 1Page - Texas Instruments TLV1562 Datasheet HTML 2Page - Texas Instruments TLV1562 Datasheet HTML 3Page - Texas Instruments TLV1562 Datasheet HTML 4Page - Texas Instruments TLV1562 Datasheet HTML 5Page - Texas Instruments TLV1562 Datasheet HTML 6Page - Texas Instruments TLV1562 Datasheet HTML 7Page - Texas Instruments TLV1562 Datasheet HTML 8Page - Texas Instruments TLV1562 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
TLV1562
2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL
CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
SLAS162 – SEPTEMBER 1998
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The converter incorporates a pair of differential high-impedance reference inputs that facilitate ratiometric
conversion, scaling, and isolation of analog circuitry from logic and supply noise. Other features such as low
input capacitance (10 pF) and very wide input bandwidth (75 MHz) make this device a perfect digital signal
processing (DSP) companion for mobile communication applications. A switched-capacitor design allows
low-error conversion over the full operating free-air temperature range.
The features that make this device truly a DSP friendly converter include: 1) programmable continuous
conversion modes, 2) programmable 2s complement output code format, and 3) programmable resolution. The
TLV1562 is offered in both 28-pin TSSOP and SOIC packages. The TLV1562C is characterized for operation
from 0
°C to 70°C. The TLV1562I is characterized for operation over the full industrial temperature range of
–40
°C to 85°C.
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
28-TSSOP
(25 MIL PITCH)
(PW)
28-SOIC
(50 MIL PITCH)
(DW)
0
°C to 70°C
TLV1562CPW
TLV1562CDW
–40
°C to 85°C
TLV1562IPW
TLV1562IDW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TLV5638 2.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5626 2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5637 2.7 V TO 5.5 V LOW POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5613 2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN 1  2  3  4  5  More Texas Instruments
ADS8411 16-BIT 2 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
TLV5619 2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN 1  2  3  4  5  More Texas Instruments
ADS8411 16-BIT 2 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
TLV5624 2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
ADS8402 16-BIT 1.25 MSPS UNIPOLAR DIFFERENTIAL INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
TLV5636 2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn