Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRP7604 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRP7604
Description  1A 29V Non-Sync. Buck High Power LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7604 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRP7604 Datasheet HTML 5Page - Exar Corporation XRP7604 Datasheet HTML 6Page - Exar Corporation XRP7604 Datasheet HTML 7Page - Exar Corporation XRP7604 Datasheet HTML 8Page - Exar Corporation XRP7604 Datasheet HTML 9Page - Exar Corporation XRP7604 Datasheet HTML 10Page - Exar Corporation XRP7604 Datasheet HTML 11Page - Exar Corporation XRP7604 Datasheet HTML 12Page - Exar Corporation XRP7604 Datasheet HTML 13Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
X
XR
RP
P7
76
60
04
4
1
1A
A 2
29
9V
V N
No
on
n--S
Sy
yn
nc
c.. B
Bu
uc
ck
k H
Hiig
gh
h P
Po
ow
we
err L
LE
ED
D D
Drriiv
ve
err
© 2009 Exar Corporation
9/13
Rev. 1.0.0
LED current versus PWM Dimming Duty
0
10
20
30
40
50
60
70
80
90
100
0
10
20
3040
506070
8090
100
(1-D) PWM Dimming Duty (%)
100Hz
200Hz
500Hz
1kHz
Fig. 16: Linearity, LED current vs (1-D) PWM Dimming
Duty Cycle, Vin=12V, Io=0.75A, 2 LED in series
MODULATOR OPERATION AND POWER
SEQUENCING
The XRP7604 has a unique modulator design
which improves the device’s ability to operate
at very high duty cycle. While seamless in
operation as the duty cycle is increasing (input
voltage falling), when the duty cycle is
decreased (input voltage rising), the user will
observe the switching frequency increasing in
distinct fractions of the switching frequency. If
the device is operating at 100% duty cycle, a
unique advantage of using a p-channel pass
device,
and
then
the
input
voltage
is
increased, the frequency will start at 300kHz,
then 600kHz, and then finally 1.2MHz. The
frequency will tend to increase to the next
higher fraction once the duty cycle reaches 75
to 65 percent. This is the normal operation of
the device and should be expected. There is
no impact on the LED current accuracy. If
PWM dimming is being used as the input
voltage
is
increased,
one
will
see
the
frequency increasing when the duty cycle is <
90%. When power is initially applied the
device will begin operating as if the input
voltage is increasing and may start operation
at one of the fractional operating frequencies.
Many users will prefer to have the device start
operating at the nominal operating frequency,
thus it is recommended that Vin be applied
after FB is set at the high state (>1.2V). The
regulator is now in standby and once Vin has
reached steady-state then FB is transitioned
from a high to a low state. The regulator then
starts operating at nominal frequency.
Another benefit of using power sequencing for
power up is that it ensures all internal circuitry
is alive and fully operational before the device
is required to regulate the current through the
LEDs. Since the regulator was “Off” before
power was applied, it is unlikely the LED is
under any type of thermal stress. EXAR does
not
recommend
using
the
XRP7604
in
applications where dimming of the LED is
achieved by PWM’ing the actual input power as
is
common
in
automotive
dimming
applications.
BUCK OPERATION WITHOUT OUTPUT
CAPACITOR
In
order
to
be
able
to
apply
the
aforementioned dimming signal to the LED,
the output filter capacitor that is normally
used with a buck converter has to be removed
from the circuit. Thus the LED current ripple
equals the inductor current ripple. As a rule of
thumb current ripple should be limited to 10%
of ILED. Allowing for a higher current ripple,
up
to
30%,
while
staying
within
LED
manufacturer ripple guidelines, will reduce
inductance and possibly inductor size.
OVERCURRENT PROGRAMMING
Resistor
Rs
can
be
used
to
program
Overcurrent
Protection
(OCP).
Use
the
following equation for calculating the Rs value.
Equ.2:
A
on
Rds
I
V
Rs
OCP
μ
33
))
(
15
.
1
5
.
1
(
35
.
0
×
×
×
=
Where Iocp is the programmed overcurrent
and is generally set 50% above nominal
output current, and Rds(on) = 135mohms.
Maximum value of Rs that can be used for
programming OCP is 4k.
INDUCTOR SELECTION
Select the inductor L1 for inductance, Irms
and Isat. Calculate inductance from


Similar Part No. - XRP7604

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7613IDBTR-F EXAR-XRP7613IDBTR-F Datasheet
1Mb / 14P
   1.2A 36V Step Down High Brightness LED Driver
XRP7618 EXAR-XRP7618 Datasheet
557Kb / 10P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP7618 EXAR-XRP7618 Datasheet
765Kb / 7P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP7618EVB EXAR-XRP7618EVB Datasheet
557Kb / 10P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP7618IGB-F EXAR-XRP7618IGB-F Datasheet
557Kb / 10P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
More results

Similar Description - XRP7604

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP7656 EXAR-SP7656 Datasheet
1Mb / 10P
   3A, 29V Non-Synchronous Buck Converter
SP7601 EXAR-SP7601 Datasheet
345Kb / 9P
   29V High Voltage LED Driver
logo
SYNC POWER Crop.
SP2354 SYNC-POWER-SP2354 Datasheet
286Kb / 8P
   1A Buck-Boost LED Driver
logo
Diodes Incorporated
AP8803 DIODES-AP8803_12 Datasheet
232Kb / 10P
   30V 1A BUCK LED DRIVER
AL8805 DIODES-AL8805 Datasheet
631Kb / 16P
   HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
DS35030 Rev. 1 - 2
logo
Unisonic Technologies
L3010 UTC-L3010_16 Datasheet
193Kb / 6P
   1A HIGH POWER LED DRIVER
logo
Linear Technology
LTC3454 LINER-LTC3454 Datasheet
214Kb / 12P
   1A Synchronous Buck-Boost High Current LED Driver
LTC3454 LINER-LTC3454_15 Datasheet
182Kb / 12P
   1A Synchronous Buck-Boost High Current LED Driver
logo
Shenzhen SI Semiconduct...
SIC9521 SISEMIC-SIC9521 Datasheet
386Kb / 7P
   High Precision Non-Isolated BUCK LED Driver
SIC9552A SISEMIC-SIC9552A Datasheet
583Kb / 9P
   High Precision Non-Isolated Buck LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com