Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX79C6V8PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # BZX79C6V8PT
Description  SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 51V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

BZX79C6V8PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  BZX79C6V8PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. BZX79C6V8PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. BZX79C6V8PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTIC ( BZX79C 2V4PT THRU BZX79C 51PT )
Nominal
Maximum Zener impedance
Maximum
Type
Maximum
Zener
reverse leakage current temperature
coefficient
regulator
voltage
current
at
ZZT
at
at
at
IZT
at IZT
ZZK
IZK
IR
at VR
TA= 25
oC
TA= 50
oC
VZ (V)
( )
( )
(mA)
(uA)
(V)
VZ
(%/
oC)
IZM (mA)
TYPE
135
125
115
105
95
90
85
80
70
64
58
53
47
43
40
36
32
29
27
24
21
20
18
16
14
13
12
11
10
9.2
7.8
21
-0.08~-0.06
-0.08~-0.06
-0.08~-0.05
-0.08~-0.04
-0.07~-0.03
-0.04~-0.01
-0.03~+0.01
-0.02~+0.05
-0.01~+0.06
0.015~0.06
0~0.07
0.01~0.08
0.01~0.09
0.01~0.09
0.02~0.10
0.03~0.11
0.03~0.11
0.03~0.11
0.03~0.11
0.03~0.11
0.03~0.11
0.03~0.11
0.03~0.11
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
1
1
1
1
1
1
1
1
1
2
3
5
6
7
7.5
8.5
9
10
11
12
14
15
17
18
20
22
24
27
28
32
35
38
20
10
5
5
3
3
3
2
1
3
2
1
0.7
0.5
0.2
0.1
0.1
0.1
0.05
0.05
0.05
0.5
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
600
600
600
600
600
500
480
400
150
80
80
80
200
100
150
150
150
170
200
200
225
225
250
250
300(2)
300(2)
325(2)
350(2)
350(2)
375(2)
375(2)
400(2)
100
95
95
90
90
90
80
60
40
10
15
15
15
15
20
20
25
30
30
40
45
55
55
70
80(1)
80(1)
80(1)
90(1)
130(1)
150(1)
170(1)
180(1)
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
2.7
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
BZX79C 2V7PT
167
-0.08~-0.06
1
50
1
600
100
2.4
BZX79C 2V4PT
BZX79C 3V0PT
BZX79C 3V6PT
BZX79C 3V3PT
BZX79C 3V9PT
BZX79C 4V3PT
BZX79C 4V7PT
BZX79C 5V1PT
BZX79C 5V6PT
BZX79C 6V2PT
BZX79C 6V8PT
BZX79C 7V5PT
BZX79C 8V2PT
BZX79C 9V1PT
BZX79C 10PT
BZX79C 11PT
BZX79C 12PT
BZX79C 13PT
BZX79C 15PT
BZX79C 16PT
BZX79C 18PT
BZX79C 20PT
BZX79C 22PT
BZX79C 24PT
BZX79C 27PT
BZX79C 30PT
BZX79C 33PT
BZX79C 36PT
BZX79C 39PT
BZX79C 43PT
BZX79C 47PT
BZX79C 51PT
NOTES:
1. at IZT= 2.0mA.
2. at IZK= 0.5mA.
Zener Voltage Range
Test
current
at
IZT (mA)
VZ (V)
5
2.5 ~ 2.9
2.8 ~ 3.2
3.1 ~ 3.5
3.4 ~ 3.8
3.7 ~ 4.1
4.0 ~ 4.6
4.4 ~ 5.0
4.8 ~ 5.4
5.2 ~ 6.0
6.4 ~ 7.2
5.8 ~ 6.6
7.0 ~7.9
7.7 ~ 8.7
8.5 ~ 9.6
9.4 ~ 10.6
10.4 ~ 11.6
11.4 ~ 12.7
12.4 ~ 14.1
13.8 ~ 15.6
15.3 ~17.1
16.8 ~ 19.1
18.8 ~ 21.2
20.8 ~ 23.3
22.8 ~ 25.6
25.1 ~ 28.9
28 ~ 32
31 ~ 35
34 ~ 38
37 ~ 41
40 ~ 46
44 ~ 50
48 ~ 54
2.28 ~ 2.56
Zener Voltage


Similar Part No. - BZX79C6V8PT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BZX79C6V8 FAIRCHILD-BZX79C6V8 Datasheet
22Kb / 2P
   Series Half Watt Zeners
logo
Taiwan Semiconductor Co...
BZX79C6V8 TSC-BZX79C6V8 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
logo
Fairchild Semiconductor
BZX79C6V8 FAIRCHILD-BZX79C6V8 Datasheet
47Kb / 5P
   Zeners
logo
Continental Device Indi...
BZX79C6V8 CDIL-BZX79C6V8 Datasheet
172Kb / 4P
   SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79C6V8 EIC-BZX79C6V8 Datasheet
36Kb / 2P
   ZENER DIODES
More results

Similar Description - BZX79C6V8PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
1N5221PT CHENMKO-1N5221PT Datasheet
132Kb / 4P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 200V
logo
WILLAS ELECTRONIC CORP
BZT52-C2V4S WILLAS-BZT52-C2V4S Datasheet
303Kb / 3P
   200mW SURFACE MOUNT SILICON ZENER DIODES 2.4V~51V SOD-323 PACKAGE
logo
Chenmko Enterprise Co. ...
BZX55C0V8PT CHENMKO-BZX55C0V8PT Datasheet
172Kb / 4P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 0.8V TO 200V
BZX85C2V7PT CHENMKO-BZX85C2V7PT Datasheet
139Kb / 4P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.7V TO 200V
1N4728PT CHENMKO-1N4728PT Datasheet
122Kb / 3P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 3.3V TO 100V
logo
First Components Intern...
1N5225A FCI-1N5225A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5224A FCI-1N5224A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5223A FCI-1N5223A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5221A FCI-1N5221A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5222A FCI-1N5222A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com