Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX85C2V7PT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # BZX85C2V7PT
Description  SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.7V TO 200V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

BZX85C2V7PT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  BZX85C2V7PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. BZX85C2V7PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. BZX85C2V7PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. BZX85C2V7PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTIC ( BZX85C 2V7PT THRU BZX85C 200PT )
Nominal
Maximum Zener impedance
Maximum
Type
Maximum
Zener
reverse leakage current temperature
coefficient
regulator
voltage
current
at
ZZT
at
at
at
IZT
at IZT
ZZK
IZK
IR
at VR
TA= 25
oC
TA= 50
oC
VZ (V)
( )
( )
(mA)
(uA)
(V)
VZ
(%/
oC)
IZM (mA)
TYPE
11
10
9
8
7.5
6.5
6.25
5.5
5
0.07~0.11
0.07~0.11
0.07~0.11
0.07~0.11
0.07~0.11
0.07~0.11
0.07~0.11
0.07~0.11
0.07~0.11
68
75
82
91
100
110
120
130
150
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
3000
3000
4000
4500
5000
6000
6500
7000
8000
250
350
450
550
700
1000
1000
1200
1500
2.7
2.7
2
2
2
1.5
1.5
1.5
94 ~ 106
104 ~116
114 ~ 127
124 ~ 141
138 ~ 156
153 ~ 171
168 ~ 191
188 ~212
91
100
11
120
130
150
160
180
200
BZX85C 91PT
BZX85C 100PT
BZX85C 110PT
BZX85C 120PT
BZX85C 130PT
BZX85C 150PT
BZX85C 160PT
BZX85C 180PT
BZX85C 200PT
Zener Voltage Range
Test
current
at
IZT (mA)
VZ (V)
2.7
85 ~ 96
Zener Voltage


Similar Part No. - BZX85C2V7PT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C2V7 VISHAY-BZX85C2V7 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Kingtronics Internation...
BZX85C2V7 KINGTRONICS-BZX85C2V7 Datasheet
576Kb / 4P
   BZX85C Silicon Planar Power Zener Diodes
logo
EIC discrete Semiconduc...
BZX85C2V7 EIC-BZX85C2V7 Datasheet
18Kb / 2P
   SILICON ZENER DIODES
logo
Vishay Siliconix
BZX85C2V7 VISHAY-BZX85C2V7 Datasheet
100Kb / 6P
   Zener Diodes
Rev. 2.1, 22-Nov-11
logo
GOOD-ARK Electronics
BZX85C2V7 GOOD-ARK-BZX85C2V7 Datasheet
129Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results

Similar Description - BZX85C2V7PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
1N5221PT CHENMKO-1N5221PT Datasheet
132Kb / 4P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 200V
BZX55C0V8PT CHENMKO-BZX55C0V8PT Datasheet
172Kb / 4P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 0.8V TO 200V
BZX79C2V7PT CHENMKO-BZX79C2V7PT Datasheet
125Kb / 3P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 51V
1N4728PT CHENMKO-1N4728PT Datasheet
122Kb / 3P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 3.3V TO 100V
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com