Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX79C2V7PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part No. BZX79C2V7PT
Description  SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 51V
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENMKO [Chenmko Enterprise Co. Ltd.]
Homepage  http://www.chenmko.com
Logo 

BZX79C2V7PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTIC ( BZX79C 2V4PT THRU BZX79C 51PT )
Nominal
Maximum Zener impedance
Maximum
Type
Maximum
Zener
reverse leakage current temperature
coefficient
regulator
voltage
current
at
ZZT
at
at
at
IZT
at IZT
ZZK
IZK
IR
at VR
TA= 25
oC
TA= 50
oC
VZ (V)
( )
( )
(mA)
(uA)
(V)
VZ
(%/
oC)
IZM (mA)
TYPE
135
125
115
105
95
90
85
80
70
64
58
53
47
43
40
36
32
29
27
24
21
20
18
16
14
13
12
11
10
9.2
7.8
21
-0.08~-0.06
-0.08~-0.06
-0.08~-0.05
-0.08~-0.04
-0.07~-0.03
-0.04~-0.01
-0.03~+0.01
-0.02~+0.05
-0.01~+0.06
0.015~0.06
0~0.07
0.01~0.08
0.01~0.09
0.01~0.09
0.02~0.10
0.03~0.11
0.03~0.11
0.03~0.11
0.03~0.11
0.03~0.11
0.03~0.11
0.03~0.11
0.03~0.11
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
1
1
1
1
1
1
1
1
1
2
3
5
6
7
7.5
8.5
9
10
11
12
14
15
17
18
20
22
24
27
28
32
35
38
20
10
5
5
3
3
3
2
1
3
2
1
0.7
0.5
0.2
0.1
0.1
0.1
0.05
0.05
0.05
0.5
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
600
600
600
600
600
500
480
400
150
80
80
80
200
100
150
150
150
170
200
200
225
225
250
250
300(2)
300(2)
325(2)
350(2)
350(2)
375(2)
375(2)
400(2)
100
95
95
90
90
90
80
60
40
10
15
15
15
15
20
20
25
30
30
40
45
55
55
70
80(1)
80(1)
80(1)
90(1)
130(1)
150(1)
170(1)
180(1)
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
2.7
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
BZX79C 2V7PT
167
-0.08~-0.06
1
50
1
600
100
2.4
BZX79C 2V4PT
BZX79C 3V0PT
BZX79C 3V6PT
BZX79C 3V3PT
BZX79C 3V9PT
BZX79C 4V3PT
BZX79C 4V7PT
BZX79C 5V1PT
BZX79C 5V6PT
BZX79C 6V2PT
BZX79C 6V8PT
BZX79C 7V5PT
BZX79C 8V2PT
BZX79C 9V1PT
BZX79C 10PT
BZX79C 11PT
BZX79C 12PT
BZX79C 13PT
BZX79C 15PT
BZX79C 16PT
BZX79C 18PT
BZX79C 20PT
BZX79C 22PT
BZX79C 24PT
BZX79C 27PT
BZX79C 30PT
BZX79C 33PT
BZX79C 36PT
BZX79C 39PT
BZX79C 43PT
BZX79C 47PT
BZX79C 51PT
NOTES:
1. at IZT= 2.0mA.
2. at IZK= 0.5mA.
Zener Voltage Range
Test
current
at
IZT (mA)
VZ (V)
5
2.5 ~ 2.9
2.8 ~ 3.2
3.1 ~ 3.5
3.4 ~ 3.8
3.7 ~ 4.1
4.0 ~ 4.6
4.4 ~ 5.0
4.8 ~ 5.4
5.2 ~ 6.0
6.4 ~ 7.2
5.8 ~ 6.6
7.0 ~7.9
7.7 ~ 8.7
8.5 ~ 9.6
9.4 ~ 10.6
10.4 ~ 11.6
11.4 ~ 12.7
12.4 ~ 14.1
13.8 ~ 15.6
15.3 ~17.1
16.8 ~ 19.1
18.8 ~ 21.2
20.8 ~ 23.3
22.8 ~ 25.6
25.1 ~ 28.9
28 ~ 32
31 ~ 35
34 ~ 38
37 ~ 41
40 ~ 46
44 ~ 50
48 ~ 54
2.28 ~ 2.56
Zener Voltage


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn