Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD4148PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # BD4148PT
Description  VOLTAGE 75 Volts CURRENT 0.15 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

BD4148PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  BD4148PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. BD4148PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( BD4148PT )
Ta=125
oC
75
oC
25
oC
-25
oC
FORWARD VOLTAGE, (V)
REVERSE VOLTAGE, (V)
10u
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
100u
1m
10m
100m
1
1n
10n
100n
1u
10u
0.1m
1m
FIG. 2 - REVERSE CHARACTERISTICS
FIG. 1 - FORWARD CHARACTERISTICS
0
20
40
60
80
100
120
Ta=125
oC
75
oC
25
oC
0
2
4
6
8
10
12
14
0.1
0.2
0.5
1
2
5
10
0
2
4
6
0.1
1
10
0.1
0.5
1.0
0.2
2.0
5.0
PULSE
Single pulse
10.0
100
1000
10000
IR=1mA
VR=6V
IRR=1/10IR
0
10
20
30
REVERSE VOLTAGE, (V)
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
FORWARD CURRENT, (mA)
FIG. 4 - REVERSE RECOVERY TIME CHARATERISTICS
PULSE WIDTH, (Sec)
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
PULSE GENERATOR
OUTPUT 50
SAMPLING
OSCILLOSCOPE
100
0.01µF
D.U.T.
5
FIG. 6 - REVERSE RECOVERY TIME MEASUREMENT CIRCUIT


Similar Part No. - BD4148PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
BD4148APT CHENMKO-BD4148APT Datasheet
91Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148CPT CHENMKO-BD4148CPT Datasheet
90Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148FPT CHENMKO-BD4148FPT Datasheet
100Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148N1APT CHENMKO-BD4148N1APT Datasheet
91Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148N1PT CHENMKO-BD4148N1PT Datasheet
89Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
More results

Similar Description - BD4148PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
BD4148N1APT CHENMKO-BD4148N1APT Datasheet
91Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
1N4148PT CHENMKO-1N4148PT Datasheet
66Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BAV70TPT CHENMKO-BAV70TPT Datasheet
71Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BAV70N1PT CHENMKO-BAV70N1PT Datasheet
84Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BAV70WPT CHENMKO-BAV70WPT Datasheet
86Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148FPT CHENMKO-BD4148FPT Datasheet
100Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148SPT CHENMKO-BD4148SPT Datasheet
93Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148N1PT CHENMKO-BD4148N1PT Datasheet
89Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148APT CHENMKO-BD4148APT Datasheet
91Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BAV70PT CHENMKO-BAV70PT Datasheet
78Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com