Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAV16BPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part No. BAV16BPT
Description  FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 150 mAmpere
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENMKO [Chenmko Enterprise Co. Ltd.]
Homepage  http://www.chenmko.com
Logo 

BAV16BPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAV16BPT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
FAST SWITCHING DIODE ARRAY
VOLTAGE 75 Volts
CURRENT 150 mAmpere
APPLICATION
FEATURE
* Small surface mounting type. (SOD-123)
* High speed. (TRR=1.5nSec Typ.)
* Suitable for high packing density.
CONSTRUCTION
* Silicon epitaxial planar
* VA
* Ultra high speed switching
* For general purpose switching application
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2002-9
Maximum Average Reverse Current
CHARACTERISTICS
SYMBOL
UNITS
Volts
Maximum Instantaneous Forward Voltage
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Non-Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum Repetitive Peak Reverse and DC Blocking Voltage
Maximum Average Forward Rectified Current
Non-Repetitive Peak Forward Surge Current
Typical Junction Capacitance between Terminal (Note 1)
Maximum Operating and Storage Temperature Range
Thermal Resistance Junction to Ambient (Note 3)
SYMBOL
VRM
VRMS
VRRM, VDC
IO
CJ
R JA
VF
0.715
0.855
1.00
1.25
IR
25
1.0
30
50
@IF=1.0mA
@IF=10mA
@IF=50mA
@IF=150mA
@VR=20V
@VR=75V
@VR=25V, TJ=150OC
@VR=75V, TJ=150OC
nAmps
uAmps
uAmps
uAmps
TJ,TSTG
IFSM
2.0
1.0
BAV16BPT
UNITS
100
Volts
Volts
Volts
mAmps
53
75
150
2.0
625
-65 to +150
Amps
pF
Maximum Reverse Recovery Time (Note 2)
TRR
4.0
nSec
oC/W
oC
1. Measured at 1.0 MHZ and applied reverse voltage of 0 volts.
2. Measured at applied froward current of 10mA and reverse current of 10mA.
3. Device mounted on FR-4 by 1 inch X 0.85 inch X 0.062 inch
4. ESD sensitive product handling required.
* Maximum total power disspation is 200mW.
* Peak forward current is 300mA.
MARKING
@t=1.0uSec
@t=1.0Sec
SOD-123
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 H Z, resistive or inductive load.
For capacitive load, derate current by 20%.
o
* Lead free devices
BAV16BPT
SOD-123
Dimensions in inches and (millimeters)
0.028(0.70)
0.018(0.45)
0.008(0.2)
MAX.
Tpy
0.004(0.12)
0.02(0.5)
0.071(1.80)
0.055(1.40)
0.098(2.50)
0.112(2.85)
0.153(3.90)
0.140(3.55)
1
2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn