Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ55530HEA08NRA Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # PQ55530HEA08NRA
Description  Half-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ55530HEA08NRA Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button PQ55530HEA08NRA Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ55530HEA08NRA Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ55530HEA08NRA Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ55530HEA08NRA Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ55530HEA08NRA Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ55530HEA08NRA Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ55530HEA08NRA Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ55530HEA08NRA Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ55530HEA08NRA Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Product # PQ55530HEB08
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HEB53P Rev. B
10/4/07
Page 6
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
38-55 V
38-55 V
53 V
53 V
7.6 A
7.6 A
Half-brick
Half-brick
70
75
80
85
90
95
100
0.0
0.8
1.5
2.3
3.0
3.8
4.6
5.3
6.1
6.8
7.6
Load Current (A)
38 Vin
48 Vin
55 Vin
90
91
92
93
94
95
96
97
98
99
100
200
300
400
Air Flow (LFM)
25C
40C
55C
Figure 2: Efficiency at nominal output voltage and 60% rated power vs.
airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C
(nominal input voltage).
0
2
4
6
8
10
12
14
16
18
20
22
24
0.0
0.8
1.5
2.3
3.0
3.8
4.6
5.3
6.1
6.8
7.6
Load Current (A)
38 Vin
48 Vin
55 Vin
Figure 3: Power dissipation at nominal output voltage vs. load current
for minimum, nominal, and maximum input voltage at 25°C.
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
100
200
300
400
Air Flow (LFM)
25C
40C
55C
Figure 4: Power dissipation at nominal output voltage and 60% rated
power vs. airflow rate for ambient air temperatures of 25°C, 40°C, and
55°C (nominal input voltage).
0
1
2
3
4
5
6
7
8
0
25
40
55
70
85
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 5: Maximum output power derating curves vs. ambient air temperature
for a baseplated unit (full power at 100°C baseplate). Airflow rates of 100 LFM
through 400 LFM with air flowing from input to output (nominal input voltage).
Figure 1: Efficiency at nominal output voltage vs. load current for min-
imum, nominal, and maximum input voltage at 25°C.
Figure 6: Output voltage vs. load current showing typical current limit
curves and converter shutdown points.
0
10
20
30
40
50
60
70
-5
0
5
10
15
Load Current (A)
35-75Vin
OVP Shutdown


Similar Part No. - PQ55530HEA08NRA

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05NNS SYNQOR-PQ55540HTL05NNS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05NRS SYNQOR-PQ55540HTL05NRS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05PNS SYNQOR-PQ55540HTL05PNS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05PRS SYNQOR-PQ55540HTL05PRS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - PQ55530HEA08NRA

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com