Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54CPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # BAT54CPT
Description  SCHOTTKY DIODE Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

BAT54CPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  BAT54CPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. BAT54CPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( BAT54CPT )
10u
100u
1m
10m
100m
1
10
0
0.2
0.4
0.6
0.8
1.0
1.2
100n
1u
10u
100u
1m
10m
100m
1
2
5
10
20
50
100
f=1MHz
FORWARD VOLTAGE, (V)
FIG. 1 - FORWARD CHARACTERISTICS
Ta
=1
25
o
C
75
o
C
25
o
C
-2
5
o
C
REVERSE VOLTAGE, (V)
FIG. 2 - REVERSE CHARACTERISTICS
100
oC
75
oC
Ta=125
oC
50
oC
25
oC
0
10
20
30
REVERSE VOLTAGE, (V)
0
2
4
6
8
10
12
14
Ta =25
o
C
0
0
20
40
60
80
100
120
25
50
75
100
125
150
AMBIENT TEMPERATURE, (
oC)
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
FIG. 4 - TYPICAL FORWARD CURRENT
DERATING CURVE


Similar Part No. - BAT54CPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT54CP6FILM STMICROELECTRONICS-BAT54CP6FILM Datasheet
163Kb / 13P
   Small signal Schottky diodes
BAT54CP6FILM STMICROELECTRONICS-BAT54CP6FILM Datasheet
158Kb / 13P
   Small signal Schottky diodes
logo
Vishay Siliconix
BAT54CPBF VISHAY-BAT54CPBF Datasheet
78Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 19-Sep-08
More results

Similar Description - BAT54CPT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT46W-TP MCC-BAT46W-TP Datasheet
229Kb / 3P
   200mW Schottky Diode 100 Volts
RB751G-40 MCC-RB751G-40_13 Datasheet
214Kb / 3P
   40 Volts Schottky Barrier Diode.
RB751V-40 MCC-RB751V-40_17 Datasheet
306Kb / 3P
   40 Volts Schottky Barrier Diode
RB751V-40 MCC-RB751V-40 Datasheet
177Kb / 2P
   40 Volts Schottky Barrier Diode
RB480K MCC-RB480K Datasheet
667Kb / 7P
   40 Volts Schottky Barrier Diode
RB751G-40 MCC-RB751G-40 Datasheet
260Kb / 3P
   40 Volts Schottky Barrier Diode
RB751S-40 MCC-RB751S-40 Datasheet
105Kb / 3P
   40 Volts Schottky Barrier Diode
RB751S-40DP MCC-RB751S-40DP_17 Datasheet
326Kb / 3P
   40 Volts Schottky Barrier Diode
RB480KS-TP MCC-RB480KS-TP Datasheet
288Kb / 3P
   40 Volts Schottky Barrier Diode
RB706F-40 MCC-RB706F-40 Datasheet
195Kb / 3P
   40 Volts Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com