Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ55530HEB08PNS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ55530HEB08PNS
Description  Half-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ55530HEB08PNS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ55530HEB08PNS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ55530HEB08PNS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ55530HEB08PNS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ55530HEB08PNS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ55530HEB08PNS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ55530HEB08PNS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ55530HEB08PNS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ55530HEB08PNS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ55530HEB08PNS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
T
Technical
echnical
S
Specification
pecification
PQ55530HEB08
PQ55530HEB08
Product # PQ55530HEB08
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HEB53P Rev. B
10/4/07
Page 1
TThhee PPQ
Q5
55
55
53
30
0H
HEEBB0
08
8 PPoow
weerrQ
Qoorr®® EExxaa ccoonnvveerrtteerr iiss aann iissoo--
llaatteedd,, ffiixxeedd ssw
wiittcchhiinngg ffrreeqquueennccyy D
DC
C/
/D
DC
C ccoonnvveerrtteerr tthhaatt uusseess
ssyynncchhrroonnoouuss rreeccttiiffiiccaattiioonn ttoo aacchhiieevvee eexxttrreem
meellyy hhiigghh eeffffiicciieennccyy
aanndd ppoow
weerr ddeennssiittyy.. TThhiiss m
moodduullee iiss iiddeeaallllyy ssuuiitteedd ttoo ssuuppppoorrtt
tthhee IIEEEEEE 8
80
02
2..3
3aaff ssttaannddaarrdd ffoorr PPoow
weerr O
Ovveerr LLA
AN
N aanndd VVooIIPP
aapppplliiccaattiioonnss.. TThhee 5
53
3VVoouutt m
moodduulleess ffeeaattuurree 2
2,,2
25
50
0VVddcc iissoollaa--
ttiioonn aanndd lloow
w ccoom
mm
moonn m
mooddee nnooiissee.. TThhee EExxaa sseerriieess ccoonnvveerrtt--
eerrss ooffffeerr iinndduussttrryy lleeaaddiinngg uusseeaabbllee oouuttppuutt ppoow
weerr ffoorr aannyy ssttaann--
ddaarrdd ““hhaallff--bbrriicckk”” m
moodduullee.. RRooH
HSS ccoom
mpplliiaanntt ((sseeee ppaaggee 1
13
3))..
PQ55530HEB08 Module
48V
48V in
in
53V
53Vout
out
7.6Amp
7.6Amp
2250Vdc
2250Vdc
Half-brick
Half-brick
Input
Input
Output
Output
Current
Current
Isolation
Isolation
DC/DC Conver
DC/DC Conver ter
ter
• Ultra-high efficiency, 95% at full rated load current
• Delivers up to 400 Watts of output power with minimal
derating - optional open frame unit available
• Input voltage range: 38V – 55V, with 80V for 100ms
input transient capability
• Fixed frequency switching provides predictable EMI per-
formance
• On-board input and output filtering
Operational Features
Operational Features
• Industry standard half-brick pin-out configuration
• Industry standard size: 2.3” x 2.4” (58.4 x 61.0mm)
• Total height only 0.50” (12.7mm) for baseplated unit,
open-frame only 0.420” (10.67mm)
• Total weight: 4.3 oz. (123 grams) for baseplated unit,
open-frame 2.6oz. (75 grams)
Mechanical Features
Mechanical Features
• On/Off control referenced to input side (positive and
negative logic options are available)
• Remote sense for the output voltage compensates for
output distribution drops
• Output voltage trim permits custom voltages and voltage
margining
Contr
Control Features
ol Features
• Input under-voltage lockout disables converter at low
input voltage conditions
• Output current limit and short circuit protection protects
converter and load from permanent damage
• Active back bias limit prevents damage to converter
from external load induced pre-bias
• Latching output over-voltage protection
• Thermal shutdown
Pr
Protection Features
otection Features
• 2250V, 30 MW input-to-output isolation
• UL/cUL 60950-1 recognized (US & Canada), basic
insulation rating
• TUV certified to EN60950-1
• Meets 72/23/EEC and 93/68/EEC directives
• Meets UL94V-0 flammability requirements
Safety Features
Safety Features


Similar Part No. - PQ55530HEB08PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05NNS SYNQOR-PQ55540HTL05NNS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05NRS SYNQOR-PQ55540HTL05NRS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05PNS SYNQOR-PQ55540HTL05PNS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05PRS SYNQOR-PQ55540HTL05PRS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - PQ55530HEB08PNS

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com