Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ48150HTA11PKF Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # PQ48150HTA11PKF
Description  165 Watt, No Heatsink, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ48150HTA11PKF Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ48150HTA11PKF Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ48150HTA11PKF Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ48150HTA11PKF Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ48150HTA11PKF Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ48150HTA11PKF Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ48150HTA11PKF Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ48150HTA11PKF Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ48150HTA11PKF Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ48150HTA11PKF Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
output current path from converter output pins to sense point, 2)
a release of a short-circuit condition, or 3) a release of a cur-
rent limit condition. Load capacitance determines exactly how
high the output voltage will rise in response to these conditions.
After 200 ms the converter will automatically restart.
Over-Temperature Shutdown: A temperature sensor on
the converter senses the average temperature of the module.
The thermal shutdown circuit is designed to turn the converter
off when the temperature at the sensed location reaches the
Over-Temperature Shutdown value. It will allow the converter to
turn on again when the temperature of the sensed location falls
by the amount of the Over-Temperature Shutdown Restart
Hysteresis value.
APPLICATION CONSIDERATIONS
Input System Instability: This condition can occur
because any DC/DC converter appears incrementally as a
negative resistance load. A detailed application note titled
“Input System Instability” is available on the SynQor web site
(www.synqor.com) which provides an understanding of why
this instability arises, and shows the preferred solution for
correcting it.
Application Circuits: Figure D below provides a typical cir-
cuit diagram which details the input filtering and voltage trim-
ming.
Input Filtering and External Capacitance: Figure E
below provides a diagram showing the internal input filter
components. This filter dramatically reduces input terminal rip-
ple current, which otherwise could exceed the rating of an
external electrolytic input capacitor. The recommended exter-
nal input capacitance is specified in the “Input Characterisitcs”
section. More detailed information is available in the applica-
tion note titled “EMI Characteristics” on the SynQor website.
Product # PQ48150HTA11
Phone 1-888-567-9596
Doc.# 005-2HT415F Rev. L
8/8/03
Page 11
Half
Half
Brick
Brick
Technical Specification
48Vin 15Vout 11A
Vin
External
Input
Filter
Trim
Vin(+)
Iload
Cload
C1
L
C2
Vout(+)
Rtrim-up
or
Rtrim-down
Vsense(+)
ON/OFF
Vin(_)
Vin(+)
Vin(_)
Vout(_)
Vsense(_)
Electrolytic
Capacitor
33µF
ESR
≅1Ω
Figure D: Typical application circuit (negative logic unit, permanently enabled).
Figure E: Internal Input Filter Diagram (component values listed on page 3).


Similar Part No. - PQ48150HTA11PKF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48150HGA10 SYNQOR-PQ48150HGA10 Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HGA10NKF SYNQOR-PQ48150HGA10NKF Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HGA10NKS SYNQOR-PQ48150HGA10NKS Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HGA10NNF SYNQOR-PQ48150HGA10NNF Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HGA10NNS SYNQOR-PQ48150HGA10NNS Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ48150HTA11PKF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120HTA14 SYNQOR-PQ60120HTA14 Datasheet
816Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48120HGA12 SYNQOR-PQ48120HGA12 Datasheet
728Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48060QGA17 SYNQOR-PQ48060QGA17 Datasheet
768Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120QGA08 SYNQOR-PQ60120QGA08 Datasheet
1Mb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60050HPA45 SYNQOR-PQ60050HPA45 Datasheet
704Kb / 13P
   225 Watt, No Heatsink, Isolated DC/DC Converter
PQ60060QGA17 SYNQOR-PQ60060QGA17 Datasheet
770Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HGA10 SYNQOR-PQ48150HGA10 Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150QGA07 SYNQOR-PQ48150QGA07 Datasheet
730Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ65180QGA06 SYNQOR-PQ65180QGA06 Datasheet
683Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com