Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ48150HTA11PRS Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # PQ48150HTA11PRS
Description  165 Watt, No Heatsink, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ48150HTA11PRS Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ48150HTA11PRS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ48150HTA11PRS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ48150HTA11PRS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ48150HTA11PRS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ48150HTA11PRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ48150HTA11PRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ48150HTA11PRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ48150HTA11PRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ48150HTA11PRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Product # PQ48150HTA11
Phone 1-888-567-9596
Doc.# 005-2HT415F Rev. L
8/8/03
Page 2
Half
Half
Brick
Brick
Technical Specification
48Vin 15Vout 11A
0.19
(4.8)
1.90
(48.3)
2.30
(58.4)
0.50
(12.7)
0.400
(10.16)
0.300 (7.62)
0.200 (5.08)
0.200 (5.08)
Load Board
Bottom side
Clearance
See Note 10
Max. Height
Lowest
Component
1.400
(35.56)
1.000
(25.40)
2.40
(61.0)
0.400
(10.16)
1.000
(25.40)
1.400
(35.56)
0.700
(17.78)
0.43
(11.2)
0.037+/-0.029
(0.94+/-0.74)
Top View
Side View
Pin No. Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTL input to turn converter
on and off, referenced to
Vin(-), with internal pull up.
3
I share
Single wire parallel signal
4
Vin(-)
Negative input voltage
5
Vout(-)
Negative output voltage
6
SENSE(-)
Return remote sense
7
TRIM
Output voltage trim
8
SENSE(+)
Positive remote sense
9
Vout(+)
Positive output voltage
A
Clock Sync
Clock synchronization
B
Start Sync
Startup synchronization
C
OR Drive
External OR-FET drive
Pins in Italics Shaded text are Optional
0.145
(3.68)
See Note 4
NOTES
1) Pins 1-4, 6-8, A-C are 0.040” (1.02mm) diameter. with
0.080” (2.03mm) diameter standoff shoulders.
2) Pins 5 and 9 are 0.080” (2.03 mm) diameter with
0.125” (3.18mm) diameter standoff shoulders.
3) Pins 3, A, B & C only included in Full-Feature models.
4) Other pin extension lengths available. Recommended pin
length is 0.03” (0.76mm) greater than the PCB thickness.
5) All Pins: Material - Copper Alloy
Finish - Tin/Lead over Nickel plate
6) Undimensioned components are shown for visual
reference only.
7) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
8) Weight: 2.6 oz. (75g) typical
9) Workmanship: Meets or exceeds IPC-A-610C Class II
10) UL/TUV standards require a clearance greater than 0.04”
(1.02mm) between input and output for Basic insulation. This
issue should be considered if any copper traces are on the top
side of the user’s board. Note that the ferrite cores are consid-
ered part of the input/primary circuit.
MECHANICAL
DIAGRAM
PIN CONNECTIONS


Similar Part No. - PQ48150HTA11PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48150HGA10 SYNQOR-PQ48150HGA10 Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HGA10NKF SYNQOR-PQ48150HGA10NKF Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HGA10NKS SYNQOR-PQ48150HGA10NKS Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HGA10NNF SYNQOR-PQ48150HGA10NNF Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HGA10NNS SYNQOR-PQ48150HGA10NNS Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ48150HTA11PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120HTA14 SYNQOR-PQ60120HTA14 Datasheet
816Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48120HGA12 SYNQOR-PQ48120HGA12 Datasheet
728Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48060QGA17 SYNQOR-PQ48060QGA17 Datasheet
768Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120QGA08 SYNQOR-PQ60120QGA08 Datasheet
1Mb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60050HPA45 SYNQOR-PQ60050HPA45 Datasheet
704Kb / 13P
   225 Watt, No Heatsink, Isolated DC/DC Converter
PQ60060QGA17 SYNQOR-PQ60060QGA17 Datasheet
770Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HGA10 SYNQOR-PQ48150HGA10 Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150QGA07 SYNQOR-PQ48150QGA07 Datasheet
730Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ65180QGA06 SYNQOR-PQ65180QGA06 Datasheet
683Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com