Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ48018QNA25NRS Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # PQ48018QNA25NRS
Description  High Efficiency, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ48018QNA25NRS Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  PQ48018QNA25NRS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ48018QNA25NRS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ48018QNA25NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ48018QNA25NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ48018QNA25NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ48018QNA25NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ48018QNA25NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ48018QNA25NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ48018QNA25NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Product # PQ48018QNA25
Phone 1-888-567-9596
Doc.# 005-2QN418D_B
9/04/01
Page 5
Performance Curves
48Vin 1.8Vout 25A
Quarter
Quarter
Brick
Brick
0
5
10
15
20
25
0
2540
5570
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0 LFM (0 m/s)
Figure 7: Maximum output power-derating curves vs. ambient air tem-
perature for airflow rates of 0 LFM through 400 LFM with air flowing
lengthwise from output to input (nominal input voltage).
Figure 8: Thermal plot of converter at 25 amp load current with 55°C
air flowing at the rate of 200 LFM. Air is flowing across the converter
in the long direction from output to input (nominal input voltage).
Figure 9: Turn-on transient at full rated load current (resistive load) (2
ms/div)
Top Trace: Vout; 1V/div
Bottom Trace: ON/OFF input; 5V/div
Figure 10: Turn-on transient at zero load current (2 ms/div).
Top Trace: Vout; 1V/div
Bottom Trace: ON/OFF input; 5V/div
Figure 11: Output voltage response to step-change in load current (50%-75%-50%
of Imax; dI/dt = 0.1A/µs). Load cap: 10µF, 100 m
ESR tantalum capacitor and
1µF ceramic capacitor. Top trace: Vout (100mV/div), Bottom trace: Iout (5A/div).
Figure 12: Output voltage response to step-change in load current (50%-75%-50%
of Imax: dI/dt = 5A/µs). Load cap: 470µF, 30 m
ESR tantalum capacitor and 1µF
ceramic capacitor. Top trace: Vout (100mV/div), Bottom trace: Iout (5A/div).
Vin = 48V
Semiconductor junction temperature is
within 2
°C of surface temperature


Similar Part No. - PQ48018QNA25NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48018HGA40 SYNQOR-PQ48018HGA40 Datasheet
831Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48018HGA40NKF SYNQOR-PQ48018HGA40NKF Datasheet
831Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48018HGA40NKS SYNQOR-PQ48018HGA40NKS Datasheet
831Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48018HGA40NNF SYNQOR-PQ48018HGA40NNF Datasheet
831Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48018HGA40NNS SYNQOR-PQ48018HGA40NNS Datasheet
831Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ48018QNA25NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48015QNA25 SYNQOR-PQ48015QNA25 Datasheet
707Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HGA40 SYNQOR-PQ48025HGA40 Datasheet
833Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HMA30 SYNQOR-PQ48025HMA30 Datasheet
785Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
PQ48120HGA12 SYNQOR-PQ48120HGA12 Datasheet
728Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ60033HGA40 SYNQOR-PQ60033HGA40 Datasheet
827Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ60033HTA50 SYNQOR-PQ60033HTA50 Datasheet
806Kb / 14P
   50 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050EML10 SYNQOR-PQ60050EML10 Datasheet
753Kb / 13P
   10 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com