Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ40080QGA09PNS Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # PQ40080QGA09PNS
Description  Quarter-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ40080QGA09PNS Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  PQ40080QGA09PNS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ40080QGA09PNS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ40080QGA09PNS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ40080QGA09PNS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ40080QGA09PNS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ40080QGA09PNS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ40080QGA09PNS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ40080QGA09PNS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ40080QGA09PNS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
18-75 V
18-75 V
8.0 V
8.0 V
9 A
9 A
Quarter-brick
Quarter-brick
T
Technical S
echnical Specification
pecification
Product # PQ40080QGA09
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QG380D Rev. A
02/07/06
Page 5
64
67
70
73
76
79
82
85
88
91
94
01
234
5
678
9
Load Current (A)
18 Vin
48 Vin
75 Vin
Figure 1: Efficiency at nominal output voltage vs. load current for 18V,
48V and 75V input at 25°C.
87
88
89
90
91
92
0
100
200
300
400
Air Flow (LFM)
25 C
40 C
55 C
Figure 2: Efficiency at nominal output voltage and 60% rated power vs.
airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C
(nominal input voltage, 48V input).
0
1
2
3
4
5
6
7
8
9
10
01
23
45
67
89
Load Current (A)
18 Vin
48 Vin
75 Vin
Figure 3: Power dissipation at nominal output voltage vs. load current
for 18V, 48V and 75V input at 25°C.
2
3
4
5
6
0
100
200
300
400
Air Flow (LFM)
25 C
40 C
55 C
Figure 4: Power dissipation at nominal output voltage and 60% rated
power vs. airflow rate for ambient air temperatures of 25°C, 40°C, and
55°C (nominal input voltage, 48V input).
6
7
8
9
10
25
40
55
70
85
Ambient Air Temperature (°C)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 5: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 100 LFM through 400 LFM with air flow-
ing across the converter from pin 3 to pin 1 (24V input).
Figure 6: Thermal plot of converter at 9 amp load current with 55°C
air flowing at the rate of 200 LFM. Air is flowing across the converter
sideways from pin 3 to pin 1 (24V input).


Similar Part No. - PQ40080QGA09PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ40080QGw09xyz SYNQOR-PQ40080QGw09xyz Datasheet
2Mb / 16P
   Output over-voltage protection protects load from damaging voltages
PQ40080QGw09xyz-G SYNQOR-PQ40080QGw09xyz-G Datasheet
2Mb / 16P
   Output over-voltage protection protects load from damaging voltages
More results

Similar Description - PQ40080QGA09PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com