Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP8.0APT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # 5KP8.0APT
Description  VOLTAGE-5.0 TO 110 VOLTS 5000 WATTS PEAK POWER 8.0 WATTS STEADY STATE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

5KP8.0APT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  5KP8.0APT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 5KP8.0APT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 5KP8.0APT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. 5KP8.0APT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRODUCT
NO.
Breakdown Voltage
VBR
Volts ( NOTE 1 )
@ IT
( mA )
( %C )
Vrsm ( V )
Irsm ( A )
Ir ( uA )
Vrwm ( V )
MIN.
MAX.
Maximum
Temperature
Coefficient
of Vbr
Maximum
Reverse
Voltage
at Irsm
( clamping )
Maximum
Reverse
Current
( NOTE 2 )
Maximum
Reverse
Leakage
at Vrwm
Working
Peak
Reverse
Voltage
5KP30APT
5KP33PT
5KP33APT
5KP36PT
5KP36APT
5KP40PT
5KP40APT
5KP43PT
5KP43APT
5KP45PT
5KP45APT
5KP48PT
5KP48APT
5KP51PT
5KP51APT
5KP54PT
5KP54APT
5KP58PT
5KP58APT
5KP60PT
5KP60APT
5KP64PT
5KP64APT
5KP70PT
5KP70APT
5KP75PT
5KP75APT
5KP78PT
5KP78APT
5KP85PT
5KP85APT
5KP90PT
5KP90APT
5KP100PT
5KP100APT
5KP110PT
5KP110APT
33.3
36.7
36.7
40.0
40.0
44.4
44.4
47.8
47.8
50.0
50.0
53.3
53.3
56.1
56.7
60.0
60.0
64.4
64.4
66.7
66.7
71.7
71.1
77.6
77.8
83.3
83.3
86.7
86.7
94.9
94.9
100
100
111
111
122
122
30.0
33.0
33.0
36.0
36.0
40.0
40.0
43.0
43.0
45.0
45.0
48.0
48.0
51.0
51.0
54.0
54.0
58.0
58.0
60.0
60.0
64.0
64.0
70.0
70.0
75.0
75.0
78.0
78.0
85.0
85.0
90.0
90.0
100
100
110
110
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
103
85
94
78
85
70
78
65
72
62
69
58
65
55
61
52
57
49
53
47
52
44
49
40
44
37
41
36
40
33
36
31
34
28
31
26
28
48.4
59.0
53.3
64.3
58.1
71.4
64.5
76.7
69.4
80.3
72.7
85.5
77.4
91.1
82.4
96.3
87.1
103
94
107
97
114
103
125
113
134
121
126
126
151
137
160
146
179
162
196
177
0.103
0.104
0.104
0.104
0.104
0.105
0.105
0.105
0.105
0.106
0.106
0.106
0.106
0.107
0.107
0.107
0.107
0.107
0.107
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.110
0.110
0.110
0.110
0.110
0.112
0.112
36.8
44.9
40.6
48.9
44.2
54.3
49.1
58.4
52.8
61.1
55.3
65.2
58.9
69.3
62.7
73.3
66.3
78.7
71.2
81.5
73.7
96.9
78.6
95.1
86.0
102
92.1
106.0
95.8
115
104
122
111
136
123
149
135
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
NOTES : 1. Vbr measured after IT applied for 300 us. IT = Square Wave Pulse or equivalent.
2. Surge Current Waveform per Figure 3 and Derated per Figure 2.
3. Vf = 3.5 V max. at If= 100 A for all types on 1/2 Square or equivalent Sine Wave.
PW = 8.3 ms, Duty Cycle = 4 Pulses per minute maximum.


Similar Part No. - 5KP8.0APT

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP8.0A SURGE-5KP8.0A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shanghai Semitech Semic...
5KP8.0A SEMITECH-5KP8.0A Datasheet
270Kb / 5P
   Excellent Clamping Capability
logo
Vishay Siliconix
5KP8.0A VISHAY-5KP8.0A Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
logo
First Components Intern...
5KP8.0A FCI-5KP8.0A Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Anova Technologies CO.,...
5KP8.0A ANOVA-5KP8.0A Datasheet
503Kb / 4P
   Axial Lead Transient Voltage Suppressors
More results

Similar Description - 5KP8.0APT

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
1.5KE DGNJDZ-1.5KE Datasheet
334Kb / 4P
   6.8 to 440 Volts 1500 Watts Peak Power 5.0 Watts Steady State
logo
Microdiode Electronics ...
5.0SMDJ CHENDA-5.0SMDJ Datasheet
2Mb / 3P
   5.0-170 Volts Peak pulse power: 5000 Watts
logo
Rectron Semiconductor
3KP22AS RECTRON-3KP22AS Datasheet
30Kb / 3P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
3KP RECTRON-3KP Datasheet
289Kb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
P6KE510A RECTRON-P6KE510A Datasheet
205Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 600 WATT PEAK POWER 5.0 WATTS STEADY STATE
1.5KE RECTRON-1.5KE Datasheet
46Kb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
1.5FMCJ RECTRON-1.5FMCJ Datasheet
38Kb / 5P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
logo
Microdiode Electronics ...
SMDJ CHENDA-SMDJ Datasheet
3Mb / 5P
   5.0-170 Volts Peak pulse power: 3000 Watts
logo
Rectron Semiconductor
3KPSMC RECTRON-3KPSMC Datasheet
282Kb / 7P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
3KP28A RECTRON-3KP28A Datasheet
410Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com