Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAS21N1PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part No. BAS21N1PT
Description  FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENMKO [Chenmko Enterprise Co. Ltd.]
Homepage  http://www.chenmko.com
Logo 

BAS21N1PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS21N1PT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
FAST SWITCHING DIODE
VOLTAGE RANGE 250 Volts
CURRENT 200 mAmpere
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2006-07
Maximum Average Reverse Current
at Ratied DC Blocking Voltage
CHARACTERISTICS
SYMBOL
UNITS
1.00
1.25
@ TA = 25
oC
@ IF = 100 mA
@ IF = 200 mA
@ TJ = 100
oC
100
15
nAmps
uAmps
Volts
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TL = 100
oC
Non-Repetitive Peak Forward Surge Current
Typic Junction Capacitance (Note 2)
Maximum Reverse Recovery Time (Note 3)
SYMBOL
VRRM
VRMS
VDC
IO
CJ
Volts
Maximum Instantaneous Forward Voltage
VF
IR
IFSM
BAS21N1PT
UNITS
Volts
Volts
Volts
mAmps
200
2.5
0.5
@ t=1.0uS
@ t=1.0S
5.0
50
Amps
pF
nS
Typical Thermal Resistance (Note 1)
Storage and Operating Temperature Range
TJ, TSTG
833
-65 to +150
oC / W
oC
250
BAS21N1PT
141
200
TRR
R JA
1. Thermal Resistance ( Junction to Lead ) : PC Board Mounted on 0.06 X 0.06" ( 0.15X 0.15mm ) copper pad area.
2. Measured at 1.0 MHZ and applied reverse voltage of 0 volt.
3. IF=IR=30 mA, IRR=0.1XIR, RL=100 ohms
CIRCUIT
(1)
(2)
(3)
Breakdown Voltage(Minimun)
Bv
250
Volts
APPLICATION
FEATURE
* Small surface mounting type. (FBPT-923)
* High speed. (TRR=30nSec Typ.)
* Suitable for high packing density.
CONSTRUCTION
* Silicon epitaxial planar
* Ultra high speed switching
1.0±0.05
0.5±0.05
0.05±0.04
0.68±0.05
0.26±0.05
0.42±0.05
0.3±0.05
0.25(REF.)
0.37(REF.)
Dimensions in millimeters
1.0±0.05
FBPT-923
FBPT-923


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn