Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAS21HPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part No. BAS21HPT
Description  FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENMKO [Chenmko Enterprise Co. Ltd.]
Homepage  http://www.chenmko.com
Logo 

BAS21HPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* For surface mounted applications
* Low profile package
* Built-in strain relief
* Low power loss, high efficiency
* High current capability, low forward voltage drop
* Power dissipation: 150mW
* Repetitive peak forward surge current: 625mA
* High temperature soldering guaranteed :
260
oC/10 seconds at terminals
Case: JEDEC SC-76 molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
MECHANICAL DATA
BAS21HPT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
FAST SWITCHING DIODE
VOLTAGE RANGE 250 Volts
CURRENT 200 mAmpere
SC-76/SOD-323
Dimensions in millimeters
SC-76/SOD-323
1.25±0.1
1.7±0.1
0.3±
CIRCUIT
0.05
0.10
Cathode Band
0.05
0.02
0.1±
0.35±0.1
0.70±
2.5±0.2
0.1Max.
0.2
0.1
(1)
(2)
(1)
(2)
MARKING
* X 9
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2002-9
Maximum Average Reverse Current
at Ratied DC Blocking Voltage
CHARACTERISTICS
SYMBOL
UNITS
1.00
1.25
@ TA = 25
oC
@ IF = 100 mA
@ IF = 200 mA
@ TJ = 100
oC
100
15
nAmps
uAmps
Volts
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TL = 100
oC
Non-Repetitive Peak Forward Surge Current
Typic Junction Capacitance (Note 2)
Maximum Reverse Recovery Time (Note 3)
SYMBOL
VRRM
VRMS
VDC
IO
CJ
Volts
Maximum Instantaneous Forward Voltage
VF
IR
IFSM
BAS21HPT
UNITS
Volts
Volts
Volts
mAmps
200
2.5
0.5
@ t=1.0uS
@ t=1.0S
5.0
50
Amps
pF
nS
Typical Thermal Resistance (Note 1)
Storage and Operating Temperature Range
TJ, TSTG
833
-65 to +150
oC / W
oC
250
BAS21HPT
141
200
TRR
R JA
1. Thermal Resistance ( Junction to Lead ) : PC Board Mounted on 0.06 X 0.06" ( 0.15X 0.15mm ) copper pad area.
2. Measured at 1.0 MHZ and applied reverse voltage of 0 volt.
3. IF=IR=30 mA, IRR=0.1XIR, RL=100 ohms
Breakdown Voltage(Minimun)
Bv
250
Volts


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn