Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAS21BPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part No. BAS21BPT
Description  FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENMKO [Chenmko Enterprise Co. Ltd.]
Homepage  http://www.chenmko.com
Logo 

BAS21BPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( BAS21BPT )
0
0
125
100
75
50
25
25
50
75
100
125
150
AMBIENT TEMPERATURE, (
oC)
0
1
2
5
10
20
50
100
200
500
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
FORWARD VOLTAGE, (V)
FIG. 2 - FORWARD CHARACTERISTICS
REVERSE VOLTAGE, (V)
FIG. 4 - REVERSE CHARACTERISTICS
0.1
1u
10u
100
1
10
50
100
200
150
0
0
0
4
5
2
2
4
6
8
10
12
14
16
f=1MHz
REVERSE VOLTAGE, (V)
18
20
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
75
oC
50
oC
Ta=100
oC
0
oC
25
oC
-
25
oC
FIG. 1 - TYPICAL FORWARD CURRENT
DERAING CURVE
50
oC
Ta=85
oC
0
oC
25
oC
-
30
oC


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn