Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAS16VTWPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part No. BAS16VTWPT
Description  FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 150 mAmpere
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENMKO [Chenmko Enterprise Co. Ltd.]
Homepage  http://www.chenmko.com
Logo 

BAS16VTWPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS16VTWPT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
FAST SWITCHING DIODE ARRAY
VOLTAGE 75 Volts
CURRENT 150 mAmpere
APPLICATION
FEATURE
* Small surface mounting type. (SOT-563)
* High speed. (TRR= 1.5nSec Typ.)
* Suitable for high packing density.
CONSTRUCTION
CIRCUIT
* Silicon epitaxial planar
* DA
* Ultra high speed switching
* For general purpose switching application
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2006-12
Maximum Average Reverse Current
CHARACTERISTICS
SYMBOL
UNITS
Volts
Maximum Instantaneous Forward Voltage
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Non-Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum Repetitive Peak Reverse and DC Blocking Voltage
Maximum Average Forward Rectified Current
Non-Repetitive Peak Forward Surge Current
Typical Junction Capacitance between Terminal (Note 1)
Maximum Operating and Storage Temperature Range
Thermal Resistance Junction to Ambient (Note 3)
SYMBOL
VRM
VRMS
VRRM, VDC
IO
CJ
R JA
VF
0.715
0.855
1.00
1.25
IR
25
1.0
30
50
@IF=1.0mA
@IF=10mA
@IF=50mA
@IF=150mA
@VR=20V
@VR=75V
@VR=25V, TJ=150OC
@VR=75V, TJ=150OC
nAmps
uAmps
uAmps
uAmps
TJ,TSTG
IFSM
2.0
1.0
BAS16VTWPT
BAS16VTWPT
UNITS
100
Volts
Volts
Volts
mAmps
53
75
150
2.0
625
-65 to +150
Amps
pF
Maximum Reverse Recovery Time (Note 2)
TRR
4.0
nSec
oC/W
oC
1. Measured at 1.0 MHZ and applied reverse voltage of 0 volts.
2. Measured at applied froward current of 10mA and reverse current of 10mA.
3. Device mounted on FR-4 by 1 inch X 0.85 inch X 0.062 inch
4. ESD sensitive product handling required.
* Maximum total power disspation is 200mW.
* Peak forward current is 300mA.
MARKING
@t=1.0uSec
@t=1.0Sec
1
3
6
4
* Lead free devices
SOT-563
(5)
1.5~1.7
0.5~0.6
0.09~0.18
SOT-563
Dimensions in millimeters
0.50
0.50
0.9~1.1
1.5~1.7
0.15~0.3
1.1~1.3
(4)
(1)
(3)


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn