Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA2030PT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # 2SA2030PT
Description  Low Ferquency PNP Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

2SA2030PT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  2SA2030PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 2SA2030PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 2SA2030PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING CHARACTERISTIC CURVES ( 2SA2030PT )
1
2
5
10
20
50
100
200
500
1000
1
2
5
10 20
50 100 200
500 1000
COLLECTOR CURRENT : IC (mA)
IC / IB
=20
Ta
= −40°C
Ta
=25°C
Ta
=125°C
Fig.3 Collector-Emitter Saturation
Voltage vs.
Collector Current (
Ι)
1
2
5
10
20
50
100
200
500
1000
1
2
5
10 20
50 100 200
500 1000
COLLECTOR CURRENT : IC (mA)
Ta
=25°C
IC / IB
=50
IC / IB
=20
IC / IB
=10
Fig.4 Collector-Emitter Saturation
Voltage vs.
Collector Current (
ΙΙ)
10
20
50
100
200
500
1000
2000
5000
10000
1
2
5
10 20
50 100 200
500 1000
COLLECTOR CURRENT : IC (mA)
IC / IB
=20
Ta
=125°C
Ta
=25°C
Ta
= −40°C
Fig.5 Base-Emitter Saturation
Voltage vs.Collecter Current
1
2
5
10
20
50
100
200
500
1000
1
2
5
10 20
50 100 200
500 1000
EMITTER CURRENT : IC (mA)
VCE
=2V
Ta
=25°C
Fig.6 Gain Bandwidth Product vs.
Emitter Current
1
2
5
10
20
50
100
200
500
1000
0.1 0.2
0.5
1
2
5
10 20
50 100
EMITTER TO BASE VOLTAGE : VEB (V)
IE
=0A
f
=1MHz
Ta
=25°C
Fig.7 Collector Output Capacitance vs.
Collector-Base Voltage
Emitter Input Capacitance vs.
Emitter-Base Voltage
Cib
Cob
1
2
5
10
20
50
100
200
500
1000
0
0.5
1.0
1.5
BASE TO EMITTER VOLTAGE : VBE (V)
VCE
=2V
Fig.1 Grounded Emitter Propagation
Characteristics
Ta
= −40°C
Ta
=25°C
Ta
=125°C
1
2
5
10
20
50
100
200
500
1000
1
2
5
10 20
50 100 200
500 1000
COLLECTOR CURRENT : IC (mA)
VCE
=2V
Fig.2 DC Current Gain vs.
Collector Current
Ta
= −40°C
Ta
=25°C
Ta
=125°C


Similar Part No. - 2SA2030PT

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2030 ROHM-2SA2030 Datasheet
80Kb / 3P
   Low frequency transistor
2SA2030 ROHM-2SA2030 Datasheet
145Kb / 3P
   Low frequency transistor
2SA2030 ROHM-2SA2030 Datasheet
1Mb / 12P
   Low frequency transistor(-12V, -500mA)
2SA2030 ROHM-2SA2030_15 Datasheet
1Mb / 12P
   Low frequency transistor(-12V, -500mA)
More results

Similar Description - 2SA2030PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
2SA2119TPT CHENMKO-2SA2119TPT Datasheet
220Kb / 3P
   Low Ferquency PNP Transistor
2SA2119PT CHENMKO-2SA2119PT Datasheet
102Kb / 3P
   Low Ferquency PNP Transistor
2SC5663PT CHENMKO-2SC5663PT Datasheet
155Kb / 3P
   Low Ferquency NPN Transistor
2SC5663TPT CHENMKO-2SC5663TPT Datasheet
573Kb / 3P
   Low Ferquency NPN Transistor
logo
Isahaya Electronics Cor...
2SA1989 ISAHAYA-2SA1989_10 Datasheet
378Kb / 4P
   FORLOW FERQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
logo
Fairchild Semiconductor
ZTX749A FAIRCHILD-ZTX749A Datasheet
40Kb / 3P
   PNP Low Saturation Transistor
logo
STMicroelectronics
BCP53-16 STMICROELECTRONICS-BCP53-16 Datasheet
48Kb / 4P
   LOW POWER PNP TRANSISTOR
logo
Unisonic Technologies
2SB1198 UTC-2SB1198_11 Datasheet
249Kb / 4P
   LOW FREQUENCY PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
TSB1386 TSC-TSB1386 Datasheet
116Kb / 4P
   Low Frequency PNP Transistor
logo
STMicroelectronics
BCP52-16 STMICROELECTRONICS-BCP52-16 Datasheet
48Kb / 4P
   LOW POWER PNP TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com