Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC7225CDWRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7225CDWRG4
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7225CDWRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC7225CDWRG4 Datasheet HTML 7Page - Texas Instruments TLC7225CDWRG4 Datasheet HTML 8Page - Texas Instruments TLC7225CDWRG4 Datasheet HTML 9Page - Texas Instruments TLC7225CDWRG4 Datasheet HTML 10Page - Texas Instruments TLC7225CDWRG4 Datasheet HTML 11Page - Texas Instruments TLC7225CDWRG4 Datasheet HTML 12Page - Texas Instruments TLC7225CDWRG4 Datasheet HTML 13Page - Texas Instruments TLC7225CDWRG4 Datasheet HTML 14Page - Texas Instruments TLC7225CDWRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TLC7225C, TLC7225I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS109B – OCTOBER 1996 – REVISED FEBRUARY 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
ground management and layout
The TLC7225 contains four reference inputs that can be driven from ac sources (see multiplying DAC using ac
input to the REF terminals section) so careful layout and grounding is important to minimize analog crosstalk
between the four channels. The dynamic performance of the four DACs depends upon the optimum choice of
board layout. Figure 6 shows the relationship between input frequency and channel-to-channel isolation.
Figure 7 shows a printed circuit board layout that minimizes crosstalk and feedthrough. The four input signals
are screened by AGND. Vref was limited between 2 V and 3.24 V to avoid slew-rate limiting effects from the
output amplifier during measurements.
– 80
– 70
– 60
– 50
– 40
– 30
20 k
50 k
100 k
200 k
500 k
1 M
fI – Input Frequency – Hz
TA = 25°C
VDD = 15 V
VSS = – 5 V
Vref = 1.24 VPP
– 20
10 k
Figure 6. Channel-to-Channel Isolation
MSB
LSB
Terminal 1
System GND
OUTB
OUTA
VSS
REFB
REFA
AGND
DGND
OUTC
OUTD
VDD
REFC
REFD
Figure 7. Suggested PCB Layout (Top View)


Similar Part No. - TLC7225CDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7225CDWRG4 TI1-TLC7225CDWRG4 Datasheet
337Kb / 22P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC7225CDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620C TI-TLV5620C Datasheet
196Kb / 14P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI1-TLC7226C Datasheet
227Kb / 18P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225 TI1-TLC7225 Datasheet
337Kb / 22P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C_08 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI-TLC7226C_15 Datasheet
964Kb / 24P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com