Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ30033QGA25NRS Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # PQ30033QGA25NRS
Description  Quarter-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ30033QGA25NRS Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  PQ30033QGA25NRS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ30033QGA25NRS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ30033QGA25NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ30033QGA25NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ30033QGA25NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ30033QGA25NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ30033QGA25NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ30033QGA25NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ30033QGA25NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Product # PQ30033QGA30
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QG33MU Rev. A
07/11/05
Page 4
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
19-60 V
19-60 V
3.3 V
3.3 V
30 A
30 A
Quarter-brick
Quarter-brick
T
Technical S
echnical Specification
pecification
Parameter P
Min.
Typ.
Max.
Units
Notes & Conditions
FEATURE CHARACTERISTICS
Switching Frequency
200
225
250
kHz
Regulation stage and Isolation stage
ON/OFF Control (Option P)
Off-State Voltage
-2
0.8
V
On-State Voltage
2.4
18
V
ON/OFF Control (Option N)
Off-State Voltage
2.4
18
V
On-State Voltage
-2
0.8
V
ON/OFF Control (Either Option)
Figures A & B
Pull-Up Voltage
Vin/4.25
14
V
Pull-Up Resistance
40
k
Output Voltage Trim Range (See note 3 below)
-10
+10
%
Measured across Pins 8 & 4; Figure C; Figure 27
Output Voltage Remote Sense Range
+10
%
Measured across Pins 8 & 4; Figure 27
Output Over-Voltage Protection
117
122
127
%
Over full temp range; % of nominal Vout
Over-Temperature Shutdown
125
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
10
°C
Load Current Scale Factor
1500
See App Note: Output Load Current Calc.
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia)
2.21
106 Hrs. TR-NWT-000332; 80% load,300LFM, 40oC Ta
Calculated MTBF (MIL-217)
1.43
106 Hrs. MIL-HDBK-217F; 80% load, 300LFM, 40oC Ta
Field Demonstrated MTBF
106 Hrs. See website for latest values
Note 3: This module has trim-up limitations below 20Vin, Please see Figure 27.
STANDARDS COMPLIANCE
Parameter P
Notes
STANDARDS COMPLIANCE
UL/cUL 60950
File # E194341, Basic insulation & pollution degree 2
EN60950
Certified by TUV
72/23/EEC
93/68/EEC
Needle Flame Test (IEC 695-2-2)
test on entire assembly; board & plastic components UL94V-0 compliant
IEC 61000-4-2
ESD test, 8kV - NP, 15kV air - NP (Normal Performance)
GR-1089-CORE
Section 7 - electrical safety, Section 9 - bonding/grounding
Telcordia (Bellcore) GR-513
• An external input fuse must always be used to meet these safety requirements. Contact SynQor for official safety
certificates on new releases or download from the SynQor website.
QUALIFICATION TESTING
Parameter P
# Units
Test Conditions
QUALIFICATION TESTING
Life Test
32
95% rated Vin and load, units at derating point, 1000 hours
Vibration
5
10-55Hz sweep, 0.060” total excursion,1 min./sweep, 120 sweeps for 3 axis
Mechanical Shock
5
100g minimum, 2 drops in x and y axis, 1 drop in z axis
Temperature Cycling
10
-40°C to 100°C, unit temp. ramp 15°C/min., 500 cycles
Power/Thermal Cycling
5
Toperating = min to max, Vin = min to max, full load, 100 cycles
Design Marginality
5
Tmin-10°C to Tmax+10°C, 5°C steps, Vin = min to max, 0-105% load
Humidity
5
85°C, 85% RH, 1000 hours, 2 minutes on and 6 hours off
Solderability
15 pins
MIL-STD-883, method 2003
Extensive characterization testing of all SynQor products and manufacturing processes is performed to ensure that we supply
robust, reliable product. Contact factory for official product family qualification document.
ELECTRICAL CHARACTERISTICS (Continued)
OPTIONS
SynQor provides various options for Logic Sense, Pin Length and
Feature Set for this family of DC/DC converters. Please consult the
last page of this specification sheet for information on available
options.
PATENTS
SynQor is protected under various patents, including but not lim-
ited to U.S. Patent #s 5,999,417; 6,222,742 B1; 6,594,159
B2; 6,545,890 B2.


Similar Part No. - PQ30033QGA25NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ30033QGA25NRS SYNQOR-PQ30033QGA25NRS Datasheet
1Mb / 14P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ30033QGA25NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com