Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ30033EGA20NYS-G Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ30033EGA20NYS-G
Description  Eighth-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ30033EGA20NYS-G Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ30033EGA20NYS-G Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ30033EGA20NYS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ30033EGA20NYS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ30033EGA20NYS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ30033EGA20NYS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ30033EGA20NYS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ30033EGA20NYS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ30033EGA20NYS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ30033EGA20NYS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
T
Technical
echnical
S
Specification
pecification
PQ30033EGA20
PQ30033EGA20
Product # PQ30033EGA20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EG33MU Rev. A
3/18/08
Page 1
TThhee PPQ
Q3
30
00
03
33
3EEG
GA
A2
20
0 PPoow
weerrQ
Qoorr®® M
Meeggaa eeiigghhtthh--bbrriicckk
ccoonnvveerrtteerr iiss aa nneexxtt--ggeenneerraattiioonn,, bbooaarrdd--m
moouunnttaabbllee,, iissoollaatteedd,,
ffiixxeedd ssw
wiittcchhiinngg ffrreeqquueennccyy D
DC
C/
/D
DC
C ccoonnvveerrtteerr tthhaatt uusseess ssyynn--
cchhrroonnoouuss rreeccttiiffiiccaattiioonn ttoo aacchhiieevvee eexxttrreem
meellyy hhiigghh ccoonnvveerrssiioonn
eeffffiicciieennccyy.. TThhee ppoow
weerr ddiissssiippaatteedd bbyy tthhee ccoonnvveerrtteerr iiss ssoo lloow
w
tthhaatt aa hheeaattssiinnkk iiss nnoott rreeqquuiirreedd,, w
whhiicchh ssaavveess ccoosstt,, w
weeiigghhtt,,
hheeiigghhtt,, aanndd aapppplliiccaattiioonn eeffffoorrtt.. A
Allll ooff tthhee ppoow
weerr aanndd ccoonnttrrooll
ccoom
mppoonneennttss aarree m
moouunntteedd ttoo tthhee m
muullttii--llaayyeerr PPC
CBB ssuubbssttrraattee w
wiitthh
hhiigghh--yyiieelldd ssuurrffaaccee m
moouunntt tteecchhnnoollooggyy.. SSiinnccee tthhee PPoow
weerrQ
Qoorr
ccoonnvveerrtteerr hhaass nnoo eexxpplliicciitt tthheerrm
maall iinntteerrffaacceess,, iitt iiss eexxttrreem
meellyy rreellii--
aabbllee.. RRooH
HSS C
Coom
mpplliiaanntt ((sseeee ppaaggee 1
13
3))..
PQ30033EGA20 Module
18-60V
18-60V 3.3V
3.3Vout
out
20Amp
20Amp
2000Vdc
2000Vdc
Eighth-brick
Eighth-brick
Input
Input
Output
Output
Current
Current
Isolation
Isolation
DC/DC Conver
DC/DC Conver ter
ter
• High efficiency, 85% at full rated load current
• Delivers up to 20 amps of output current with minimal
derating - no heatsink required
• Wide input voltage range: 18V – 60V, with 80V
100ms input voltage transient capability
• Fixed frequency switching provides predictable EMI
performance
• No minimum load requirement means no preload
resistors required
Operational Features
Operational Features
• Input under-voltage lockout disables converter at low
input voltage conditions
• Output current limit and short circuit protection protects
converter and load from permanent damage and conse-
quent hazardous conditions
• Active back bias limit prevents damage to converter
from external load induced pre-bias
• Output over-voltage protection protects load from dam-
aging voltages
• Thermal shutdown protects converter from abnormal
environmental conditions
Pr
Protection Features
otection Features
• 2000V, 30M
Ω input-to-output isolation provides
input/output ground separation
• UL/cUL 60950-1 recognized (US & Canada)
• TUV certified to EN60950-1
• Meets 72/23/EEC and 93/68/EEC directives which
facilitates CE Marking in user’s end product
• Board and plastic components meet UL94V-0
flammability requirements
Safety Features
Safety Features
• Industry standard eighth-brick pin-out configuration
• Industry standard size: 0.90” x 2.3” (22.9x58.4mm)
• Total height only 0.335” (8.5mm), permits better airflow
and smaller card pitch
• Total weight: 0.68 oz. (19 grams)
• Flanged pins designed to permit surface mount solder-
ing (avoid wave solder) using FPiP technique
Mechanical Features
Mechanical Features
• On/Off control referenced to input side (positive and
negative logic options are available)
• Remote sense for the output voltage compensates for
output distribution drops
• Output voltage trim permits custom voltages and
voltage margining
Contr
Control Features
ol Features


Similar Part No. - PQ30033EGA20NYS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ30033QGA25 SYNQOR-PQ30033QGA25 Datasheet
1Mb / 14P
   Quarter-brick DC/DC Converter
PQ30033QGA25NKS SYNQOR-PQ30033QGA25NKS Datasheet
1Mb / 14P
   Quarter-brick DC/DC Converter
PQ30033QGA25NKS SYNQOR-PQ30033QGA25NKS Datasheet
466Kb / 14P
   Quarter-brick DC/DC Converter
PQ30033QGA25NNS SYNQOR-PQ30033QGA25NNS Datasheet
1Mb / 14P
   Quarter-brick DC/DC Converter
PQ30033QGA25NNS SYNQOR-PQ30033QGA25NNS Datasheet
466Kb / 14P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ30033EGA20NYS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com