Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC7524C Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC7524C
Description  8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7524C Datasheet(HTML) 3 Page - Texas Instruments

  TLC7524C Datasheet HTML 1Page - Texas Instruments TLC7524C Datasheet HTML 2Page - Texas Instruments TLC7524C Datasheet HTML 3Page - Texas Instruments TLC7524C Datasheet HTML 4Page - Texas Instruments TLC7524C Datasheet HTML 5Page - Texas Instruments TLC7524C Datasheet HTML 6Page - Texas Instruments TLC7524C Datasheet HTML 7Page - Texas Instruments TLC7524C Datasheet HTML 8Page - Texas Instruments TLC7524C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TLC7524C, TLC7524E, TLC7524I
8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
SLAS061C – SEPTEMBER 1986 – REVISED NOVEMBER 1998
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
VDD = 5 V
VDD = 15 V
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.75
5
5.25
14.5
15
15.5
V
Reference voltage, Vref
±10
±10
V
High-level input voltage, VIH
2.4
13.5
V
Low-level input voltage, VIL
0.8
1.5
V
CS setup time, tsu(CS)
40
40
ns
CS hold time, th(CS)
0
0
ns
Data bus input setup time, tsu(D)
25
25
ns
Data bus input hold time, th(D)
10
10
ns
Pulse duration, WR low, tw(WR)
40
40
ns
TLC7524C
0
70
0
70
Operating free-air temperature, TA
TLC7524I
–25
85
–25
85
°C
TLC7524E
–40
85
–40
85
electrical characteristics over recommended operating free-air temperature range, Vref = ±10 V,
OUT1 and OUT2 at GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VDD = 5 V
VDD = 15 V
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IIH
High-level input current
VI = VDD
10
10
µA
IIL
Low-level input current
VI = 0
–10
–10
µA
IIk
Output leakage
OUT1
DB0–DB7 at 0 V,
Vref = ± 10 V
WR, CS at 0 V,
±400
±200
nA
IIkg
g
current
OUT2
DB0–DB7 at VDD,
Vref = ± 10 V
WR, CS at 0 V,
±400
±200
nA
IDD
Supply current
Quiescent
DB0–DB7 at VIHmin or VILmax
1
2
mA
IDD
Supply current
Standby
DB0–DB7 at 0 V or VDD
500
500
µA
kSVS
Supply voltage sensitivity,
∆gain/∆VDD
∆VDD = ±10%
0.01
0.16
0.005
0.04
%FSR/%
Ci
Input capacitance,
DB0–DB7, WR, CS
VI = 0
5
5
pF
OUT1
DB0 DB7 at 0 V
WR CS at0V
30
30
C
Output capacitance
OUT2
DB0–DB7 at 0 V,
WR, CS at 0 V
120
120
pF
Co
Output capacitance
OUT1
DB0 DB7 at V
WR CS at0V
120
120
pF
OUT2
DB0–DB7 at VDD, WR, CS at 0 V
30
30
Reference input impedance
(REF to GND)
5
20
5
20
k


Similar Part No. - TLC7524C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7524C TI-TLC7524C Datasheet
633Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524CD TI1-TLC7524CD Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524CDG4 TI1-TLC7524CDG4 Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524CDR TI1-TLC7524CDR Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524CDRG4 TI1-TLC7524CDRG4 Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC7524C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7524C TI-TLC7524C_08 Datasheet
633Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524IDR TI1-TLC7524IDR Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C Datasheet
247Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C Datasheet
156Kb / 10P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
logo
Hitachi Semiconductor
HA17008RP HITACHI-HA17008RP Datasheet
61Kb / 11P
   8-Bit Multiplying Digital to Analog Converter
logo
Texas Instruments
TLC7528CNSR TI1-TLC7528CNSR Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 8-BI MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
logo
Hitachi Semiconductor
HA17408P HITACHI-HA17408P Datasheet
22Kb / 4P
   8-Bit Multiplying Digital-to-Analog Converter
logo
Texas Instruments
TLC7524C TI-TLC7524C_15 Datasheet
800Kb / 23P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVVERTERS
TLC7628C TI-TLC7628C_15 Datasheet
856Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com