Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ24150QGA07PRS Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # PQ24150QGA07PRS
Description  100 Watts, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ24150QGA07PRS Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ24150QGA07PRS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ24150QGA07PRS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ24150QGA07PRS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ24150QGA07PRS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ24150QGA07PRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ24150QGA07PRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ24150QGA07PRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ24150QGA07PRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ24150QGA07PRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Product # PQ24150QGA07
Phone 1-888-567-9596
Doc.# 005-2QG215D_A
3/1/02
Page 2
Technical Specification
24Vin 15Vout 6.7A
Quarter
Quarter
Brick
Brick
Shown Actual Size
Pin No.
Name
Function
1
Vin(+)
Positive input voltage (18 - 36V)
2
ON/OFF
TTL input to turn converter
on and off, referenced to
Vin(-), with internal pull up.
3
Vin(-)
Negative input voltage
4
Vout(-)
Negative output voltage
5
SENSE(-)
Negative remote sense1
6
TRIM
Output voltage trim2
7
SENSE(+)
Positive remote sense3
8
Vout(+)
Positive output voltage
Notes:
1. Pin 5 should be connected to Vout(-) at load.
2. Leave Pin 6 open for nominal output voltage.
3. Pin 7 should be connected to Vout(+) at load.
OPTIONS
• Logic sense - Negative (N); converter is on when the
ON/OFF signal is low. Positive (P); converter is on
when the ON/OFF signal is high. Logic input is TTL
compatible with an internal pull up. Use N or P as
13th letter in part number to indicate logic.
• Pin Length - a variety of pin lengths are available for
all modules (see last page). The14th letter in the part
number indicates pin length.
• Feature Set - Quarter-bricks are available with
Standard (S) feature options only. Use S as 15th letter
in part number to indicate feature set.
SAFETY
• UL 1950 - All modules are UL 1950 recognized (US &
Canada) with basic insulation rating.
• EN60950 - All modules are TUV certified to EN60950
requirements.
• 72/23/EEC - All modules meet 72/23/EEC directives.
• 93/68/EEC - All modules meet 93/68/EEC directives.
• 94V-0 - All modules meet 94V-0 flammability require-
ments for board and plastic components.
• NEBS - All modules meet NEBS compatibility.
• An external input fuse must always be used to meet
these safety requirements.
1) Pins 1-3, 5-7 are 0.040” (1.02mm) dia. with
0.080” (2.03mm) dia. standoff shoulders.
2) Pins 4 and 8 are 0.062” (1.57 mm) dia. with 0.100”
(2.54mm) dia. standoff shoulders.
3) Other pin extension lengths available.
4) Undimensioned components are for visual reference only.
5) Weight: 1.2 oz. (34g) typical
6) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
7) Workmanship: Meets or exceeds IPC-A-610B Class II
0.40
(10.2)
0.300
(7.62)
1.45
(36.8)
0.43
(10.9)
0.14
(3.6)
2.30
(58.4)
2.00
(50.8)
0.150
(3.81)
0.300
(7.62)
0.450
(11.43)
0.600
(15.24)
0.600
(15.24)
Top View
Side View
0.145
(3.68)
See Note 3
ABSOLUTE MAXIMUM RATINGS
Input Voltage:
Non-Operating: 50V continuous
Operating:
40V continuous
50V 10µs transients
,1% duty cycyle
Input/Output Isolation Voltage: 2000V
Storage Temperature: -55°C to +125°C
Operating Temperature: -40°C to +115°C
Voltage at ON/OFF input pin: +18V / -2V


Similar Part No. - PQ24150QGA07PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24150QGw07xyz SYNQOR-PQ24150QGw07xyz Datasheet
2Mb / 16P
   Industry standard pin-out configuration
More results

Similar Description - PQ24150QGA07PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24120QGA08 SYNQOR-PQ24120QGA08 Datasheet
662Kb / 13P
   100 Watts, No Heatsink, Isolated DC/DC Converter
PQ60060QGA17 SYNQOR-PQ60060QGA17 Datasheet
770Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150QGA07 SYNQOR-PQ48150QGA07 Datasheet
730Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ65180QGA06 SYNQOR-PQ65180QGA06 Datasheet
683Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60012HPAA0 SYNQOR-PQ60012HPAA0 Datasheet
693Kb / 14P
   100 Amp, No Heatsink, Isolated DC/DC Converter
PQ48060QGA17 SYNQOR-PQ48060QGA17 Datasheet
768Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120QGA08 SYNQOR-PQ60120QGA08 Datasheet
1Mb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com