Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ24050QGA20PKS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ24050QGA20PKS
Description  Quarter-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ24050QGA20PKS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ24050QGA20PKS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ24050QGA20PKS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ24050QGA20PKS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ24050QGA20PKS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ24050QGA20PKS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ24050QGA20PKS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ24050QGA20PKS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ24050QGA20PKS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ24050QGA20PKS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
T
Technical
echnical
S
Specification
pecification
PQ24050QGA20
PQ24050QGA20
Product # PQ24050QGA20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QG250D Rev. C
03/13/06
Page 1
TThhee PPQ
Q2
24
40
05
50
0Q
QG
GA
A2
20
0 PPoow
weerrQ
Qoorr™™ G
Giiggaa qquuaarrtteerr--bbrriicckk ccoonn--
vveerrtteerr iiss aa nneexxtt--ggeenneerraattiioonn,, bbooaarrdd--m
moouunnttaabbllee,, iissoollaatteedd,, ffiixxeedd
ssw
wiittcchhiinngg ffrreeqquueennccyy D
DC
C/
/D
DC
C ccoonnvveerrtteerr tthhaatt uusseess ssyynncchhrroonnoouuss
rreeccttiiffiiccaattiioonn ttoo aacchhiieevvee eexxttrreem
meellyy hhiigghh ccoonnvveerrssiioonn eeffffiicciieennccyy..
TThhee ppoow
weerr ddiissssiippaatteedd bbyy tthhee ccoonnvveerrtteerr iiss ssoo lloow
w tthhaatt aa
hheeaattssiinnkk iiss nnoott rreeqquuiirreedd,, w
whhiicchh ssaavveess ccoosstt,, w
weeiigghhtt,, hheeiigghhtt,,
aanndd aapppplliiccaattiioonn eeffffoorrtt.. A
Allll ooff tthhee ppoow
weerr aanndd ccoonnttrrooll ccoom
mppoo--
nneennttss aarree m
moouunntteedd ttoo tthhee m
muullttii--llaayyeerr PPC
CBB ssuubbssttrraattee w
wiitthh hhiigghh--
yyiieelldd ssuurrffaaccee m
moouunntt tteecchhnnoollooggyy.. SSiinnccee tthhee PPoow
weerrQ
Qoorr™™ ccoonn--
vveerrtteerr hhaass nnoo eexxpplliicciitt tthheerrm
maall iinntteerrffaacceess,, iitt iiss eexxttrreem
meellyy rreellii--
aabbllee..
RRooH
HSS ccoom
mpplliiaanntt ((sseeee ppaaggee 1
12
2))..
PQ24050QGA20 Module
24V
24V in
in
5V
5Vout
out
20Amp
20Amp
2000Vdc
2000Vdc
Quar
Quar ter-brick
ter-brick
Input
Input
Output
Output
Current
Current
Isolation
Isolation
DC/DC Conver
DC/DC Conver ter
ter
• Ultra-high efficiency, 87% at full rated load current
• Delivers up to 20 amps of output current (100 Watts)
with minimal derating
• Wide input voltage range: 18V – 36V meets or
exceeds all 24V bus standards
• Fixed frequency switching provides predictable EMI per-
formance
• No minimum load requirement means no preload resis-
tors required
Operational Features
Operational Features
• Industry standard quarter-brick pin-out configuration
• Industry standard size: 1.45” x 2.3” (36.8x58.4mm)
• Total height less than 0.40” (10.2mm), permits better
airflow and smaller card pitch
• Total weight: 1.2 oz. (34 grams)
• Flanged pins designed to permit surface mount solder-
ing (to avoid wave solder) using FPiP technique
Mechanical Features
Mechanical Features
• On/Off control referenced to input side (positive and
negative logic options are available)
• Remote sense for the output voltage compensates for
output distribution drops
• Output voltage trim permits custom voltages and voltage
margining
Contr
Control Features
ol Features
• Input under-voltage lockout disables converter at low
input voltage conditions
• Output current limit and short circuit protection protects
converter and load from damage
• Active back bias limit prevents damage to converter
from external load induced pre-bias
• Output over-voltage protection
• Thermal shutdown
Pr
Protection Features
otection Features
• 2000V, 30 M
Ω input-to-output isolation
• UL/cUL 60950-1 recognized (US & Canada), basic
insulation rating
• TUV certified to EN60950-1
• Meets 72/23/EEC and 93/68/EEC directives
• Meets UL94V-0 flammability requirements
• NEBS and ETSI compliant
Safety Features
Safety Features


Similar Part No. - PQ24050QGA20PKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24050QGw20xyz SYNQOR-PQ24050QGw20xyz Datasheet
2Mb / 16P
   Industry standard pin-out configuration
More results

Similar Description - PQ24050QGA20PKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com