Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ40T40QGC30NNC-G Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # NQ40T40QGC30NNC-G
Description  Quarter-brick DC-DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ40T40QGC30NNC-G Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

  NQ40T40QGC30NNC-G Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ40T40QGC30NNC-G Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ40T40QGC30NNC-G Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ40T40QGC30NNC-G Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ40T40QGC30NNC-G Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ40T40QGC30NNC-G Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ40T40QGC30NNC-G Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ40T40QGC30NNC-G Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ40T40QGC30NNC-G Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Product # NQ40x40QGC30
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-NQ4040W Rev. B
03/09/09
Page 9
Input:
Outputs:
Current:
Package:
9 - 40 V
0 - 40 V
30 A
Quarter-brick
Technical Specification
PART NUMBERING SYSTEM
The part numbering system for SynQor’s dc-dc converters
follows the format shown in the example below.
The first 12 characters comprise the base part number and
the last 3 characters indicate available options. The “-G”
suffix indicates 6/6 RoHS compliance.
Application Notes
A variety of application notes and technical white papers can
be downloaded in pdf format from our website.
RoHS Compliance: The EU led RoHS (Restriction of Hazardous
Substances) Directive bans the use of Lead, Cadmium, Hexavalent
Chromium, Mercury, Polybrominated Biphenyls (PBB), and
Polybrominated Diphenyl Ether (PBDE) in Electrical and Electronic
Equipment. This SynQor product is 6/6 RoHS compliant. For
more information please refer to SynQor’s RoHS addendum
available at our RoHS Compliance / Lead Free Initiative web
page or e-mail us at rohs@synqor.com.
ORDERING INFORMATION
The tables below show the valid model numbers and ordering
options for converters in this product family. When ordering
SynQor converters, please ensure that you use the complete
15 character part number consisting of the 12 character base
part number and the additional 3 characters for options.
Add “-G” to the model number for 6/6 RoHS compliance.
The following options must be included in place of the
x y z
spaces in the model numbers listed above.
Not all combinations make valid part numbers, please contact
SynQor for availability. See the Product Summary web page for
more options.
PATENTS
SynQorholdsthefollowingpatents,oneormoreofwhich
mightapplytothisproduct:
5,999,417
6,222,742
6,545,890
6,577,109
6,594,159
6,731,520
6,894,468
6,896,526
6,927,987
7,050,309
7,072,190
7,085,146
7,119,524
7,269,034
7,272,021
7,272,023
Warranty
SynQor offers a three (3) year limited warranty. Complete warranty informa-
tion is listed on our website or is available upon request from SynQor.
Information furnished by SynQor is believed to be accurate and reliable.
However, no responsibility is assumed by SynQor for its use, nor for any
infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any
patent or patent rights of SynQor.
ProductFamily
PackageSize
PerformanceLevel
ThermalDesign
OutputCurrent
6/6RoHS
Options(see
OrderingInformation)
InputVoltage
Mode(seeOrderingInformation)
OutputVoltage
Contact SynQor for further information:
Phone:
978-849-0600
Toll Free: 888-567-9596
Fax:
978-849-0602
E-mail:
power@synqor.com
Web:
www.synqor.com
Address: 155 Swanson Road
Boxborough, MA 01719
USA
Mode: w
Options Description: x y z
T - Buck
W - Buck /
Boost
Enable Logic
Pin Style
Feature Set
N - Negative
K - 0.110"
N - 0.145"
R - 0.180"
Y - 0.250"
S - Standard
C - Current
monitor output
/ Trimmable
current limit
Contact SynQor for C - Feature Set availability.
Model Number
Input
Voltage
Output
Voltage
Max Output
Current
NQ40w40QGC30xyz-G
9 - 40 V
0 - 40 V
30 A
NQ 40 W 40 Q G C 30 N N S - G


Similar Part No. - NQ40T40QGC30NNC-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40T40EGC08NKC-G SYNQOR-NQ40T40EGC08NKC-G Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ40T40EGC08NKS-G SYNQOR-NQ40T40EGC08NKS-G Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ40T40EGC08NNC-G SYNQOR-NQ40T40EGC08NNC-G Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ40T40EGC08NNS-G SYNQOR-NQ40T40EGC08NNS-G Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ40T40EGC08NRC-G SYNQOR-NQ40T40EGC08NRC-G Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
More results

Similar Description - NQ40T40QGC30NNC-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com