Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ40W40EGC08NNC-G Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # NQ40W40EGC08NNC-G
Description  Eighth-brick DC-DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ40W40EGC08NNC-G Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

  NQ40W40EGC08NNC-G Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ40W40EGC08NNC-G Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ40W40EGC08NNC-G Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ40W40EGC08NNC-G Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ40W40EGC08NNC-G Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ40W40EGC08NNC-G Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ40W40EGC08NNC-G Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ40W40EGC08NNC-G Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ40W40EGC08NNC-G Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Product # NQ40x40EGC08
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-NG4040W Rev. C
03/06/09
Page 6
Input:
Outputs:
Current:
Package:
9 - 40 V
0 - 40 V
7.5 A
Eighth-brick
Technical Specification
Figure 7: Output voltage response for 24 V input; 12 V, 24 V, 36 V output
to step-change in load current (50-75-50% of Iout max; di/dt=0.1A/µs). Load
cap: 100 µF, 100 m
W ESR tant, Ch 1-3: Vout (2 V/div);(5 ms/div).
12 Vout
on/off
24 Vout
36 Vout
0.0
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
5
6
7
8
9
Load (A)
Figure 9: I
mon pin voltage vs. load current at 24 V input and 13.8 V out-
put. Load capacitance: 100µF electrolytic cap. C option only.
1.2
1.3
1.4
1.5
1.6
0
1
2
3
4
5
6
7
Current Limit (A)
Figure 10: Current limit vs. Itrim pin voltage with 24 V input and 13.8 V
output. Load capacitance: 100µF electrolytic cap. C option only.
Figure 11: Turn-on transient at 24 V input; full load (20 ms/div).
Ch 1: ON/OFF input (5 V/div)
Ch 2-4: Vout (10 V/div)
24 Vout
36 Vout
on/off
12 Vout
Figure 8: Turn-on transient at 24 V input; zero load (20 ms/div).
Ch 1: ON/OFF input (5 V/div)
Ch 2-4: Vout (10 V/div)
24 Vout
36 Vout
on/off
12 Vout


Similar Part No. - NQ40W40EGC08NNC-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40W40ETC15NKC-G SYNQOR-NQ40W40ETC15NKC-G Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
NQ40W40ETC15NKS-G SYNQOR-NQ40W40ETC15NKS-G Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
NQ40W40ETC15NNC-G SYNQOR-NQ40W40ETC15NNC-G Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
NQ40W40ETC15NNS-G SYNQOR-NQ40W40ETC15NNS-G Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
NQ40W40ETC15NRC-G SYNQOR-NQ40W40ETC15NRC-G Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
More results

Similar Description - NQ40W40EGC08NNC-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com