Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ20W20ETC20NYC-G Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # NQ20W20ETC20NYC-G
Description  Eighth-brick DC-DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ20W20ETC20NYC-G Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  NQ20W20ETC20NYC-G Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ20W20ETC20NYC-G Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ20W20ETC20NYC-G Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ20W20ETC20NYC-G Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ20W20ETC20NYC-G Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ20W20ETC20NYC-G Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ20W20ETC20NYC-G Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ20W20ETC20NYC-G Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ20W20ETC20NYC-G Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Product # NQ20x20ETC20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-NS2020W Rev. C
03/06/09
Page 3
Input:
Outputs:
Current:
Package:
9 - 20 V
0 - 20 V
20 A
Eighth-brick
Technical Specification
NQ20x20ETC20 ELECTRICAL CHARACTERISTICS
Ta = 25 °C, airflow rate = 300 LFM, Vin = 12 V dc unless otherwise noted; full operating temperature range is -40 °C to +105 °C ambient temperature with appropriate power derating.
Specifications subject to change without notice.
Parameter
Vout
Min.
Typ.
Max. Units Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
All
0
30
V
Continuous
Operating
All
20
V
Continuous
Storage Temperature
All
-55
125
°C
Voltage at ON/OFF input pin
All
0
5.5
V
RECOMMENDED OPERATING CONDITIONS
Input Voltage Range
All
9
20
V
Turn on at 10V
Input Fuse Rating
All
25
A
Fast blow external fuse recommended
Input Current
20
A
Input current max equals output rated current
External Input Capacitance
All
100
µF
ESR < 1.5 Ω
Output Voltage
All
0
20
V
Output Current
All
0
20
A
Output voltage dependent
INPUT CHARACTERISTICS
Input Under-Voltage Lockout
Turn-On Voltage Threshold
All
9.2
9.5
10
V
Turn-Off Voltage Threshold
All
8.1
8.5
8.9
V
Lockout Hysteresis
All
1.0
V
Input Current Limit
All
24
A
No-Load Input Current
12
115
mA
24
120
mA
48
175
mA
Disabled Input Current
All
80
mA
Input Filter Components Value (C\L\C)
All
20\1.1\60
µF\µH\µF
OUTPUT CHARACTERISTICS
Output Voltage Range
All
0
20
V
Set output by Rtrim resistor
Operating Output Current Range
All
0
20
A
Output Voltage Regulation
Total Output Voltage Range
All
±160 mV ±4%*Vout
Sense pin, over sample, line, load, temp. & life
Output Voltage Ripple and Noise (pk-pk/36Vin)
3.3
10
mV
10 Vin Full Load; 100uF; 20 MHz b.w.
5
20
mV
"
20
40
mV
Output DC Over Current limit
All
24
A
Effective on input, output condition
External Output Capacitance
All
0
5000
µF
ESR > 1 mΩ
C Option: Isense voltage
No load
All
1.25
V
Full load
All
1.83
V
20 A load
Output resistance of Isense
All
10
C Option: Itrim voltage
Voltage at no load
All
0.12
V
Voltage at maximum load
All
2.12
V
20 A load
Pull-Up Resistance of Itrim Pin
All
10.2
Pull-Up Voltage
All
2.5
V
C Option: Reverse Current
All
2
µA
Enabled or Disabled
TEMP LIMITS FOR POWER DERATING
Semiconductor Junction Temperature
All
125
°C
Package rated to 150 °C
Board Temperature
All
125
°C
ULrated max operating temp 130 °C
Baseplate Temperature
All
100
°C
EFFICIENCY
100% Load; 12 Vin
3.3
83
%
“ ; 48 Vin
5
88
%
“ ; 24 Vin
20
94
%
W mode only
50% Load; 12 Vin
3.3
88
%
“ ; 48 Vin
5
91
%
“ ; 24 Vin
20
95
%
W mode only


Similar Part No. - NQ20W20ETC20NYC-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ20W20EGC10NKC-G SYNQOR-NQ20W20EGC10NKC-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20W20EGC10NKS-G SYNQOR-NQ20W20EGC10NKS-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20W20EGC10NNC-G SYNQOR-NQ20W20EGC10NNC-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20W20EGC10NNS-G SYNQOR-NQ20W20EGC10NNS-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20W20EGC10NRC-G SYNQOR-NQ20W20EGC10NRC-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
More results

Similar Description - NQ20W20ETC20NYC-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com