Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ20W20QGC40NNS-G Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # NQ20W20QGC40NNS-G
Description  Quarter-brick DC-DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ20W20QGC40NNS-G Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

  NQ20W20QGC40NNS-G Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ20W20QGC40NNS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ20W20QGC40NNS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ20W20QGC40NNS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ20W20QGC40NNS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ20W20QGC40NNS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ20W20QGC40NNS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ20W20QGC40NNS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ20W20QGC40NNS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Product # NQ20x20QGC40
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-NQ2020W Rev. B
03/06/09
Page 6
Input:
Outputs:
Current:
Package:
10 - 20 V
0 - 20 V
40 A
Quarter-brick
Technical Specification
0.00
0.50
1.00
1.50
2.00
0
5
10
15
20
25
30
35
40
Load (A)
Figure 9:
Imon pin voltage vs. load current at 16 V input and 13.8 V
output. Load capacitance: 100 µF electrolytic cap. C option only.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
50
Current Limit (A)
Figure 10: Current limit vs. Itrim pin voltage at 16 V input and 13.8 V
output. Load capacitance: 100µF electrolytic cap.
C option only.
Figure 7: Turn-on transient at 12 V input; zero load (20 ms/div).
Ch 1: ON/OFF input (5 V/div)
Ch 2-4: Vout (5 V/div)
22 Vout
12 Vout
on/off
4 Vout
Figure 8: Turn-on transient at 12 V input; full load (20 ms/div).
Ch 1: ON/OFF input (5 V/div)
Ch 2-4: Vout (5 V/div)
22 Vout
12 Vout
on/off
4 Vout
Figure 11: Output voltage response for 12 V input; 5 V, 12 V, 20 V output to
step-change in load current (50-75-50% of Iout max; di/dt = 0.1 A/µs).
Load cap: 100 µF, 100 m
W ESR tant, Ch 1-3: Vout (2 V/div);(5 ms/div).
5 Vout
12 Vout
20 Vout


Similar Part No. - NQ20W20QGC40NNS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ20W20EGC10NKC-G SYNQOR-NQ20W20EGC10NKC-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20W20EGC10NKS-G SYNQOR-NQ20W20EGC10NKS-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20W20EGC10NNC-G SYNQOR-NQ20W20EGC10NNC-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20W20EGC10NNS-G SYNQOR-NQ20W20EGC10NNS-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20W20EGC10NRC-G SYNQOR-NQ20W20EGC10NRC-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
More results

Similar Description - NQ20W20QGC40NNS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com