Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC549B Datasheet(PDF) 3 Page - Motorola, Inc

Part # BC549B
Description  Low Noise Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC549B Datasheet(HTML) 3 Page - Motorola, Inc

  BC549B Datasheet HTML 1Page - Motorola, Inc BC549B Datasheet HTML 2Page - Motorola, Inc BC549B Datasheet HTML 3Page - Motorola, Inc BC549B Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC549B,C BC550B,C
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
2.0
1.5
1.0
0.2
0.3
0.4
0.6
0.8
200
0.2
0.5
1.0
2.0
5.0
10
20
50
100
IC, COLLECTOR CURRENT (mAdc)
Figure 2. Normalized DC Current Gain
VCE = 10 V
TA = 25°C
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.2
0.1
0.5
1.0
2.0
5.0
10
20
50
100
IC, COLLECTOR CURRENT (mAdc)
Figure 3. “Saturation” and “On” Voltages
TA = 25°C
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = 10 V
VCE(sat) @ IC/IB = 10
400
20
30
40
60
80
100
200
300
0.5
1.0
0.7
2.0
5.0 7.0
10
20
50
IC, COLLECTOR CURRENT (mAdc)
Figure 4. Current–Gain — Bandwidth Product
10
1.0
2.0
3.0
5.0
7.0
0.4
0.6
1.0
2.0
4.0
10
20
40
VR, REVERSE VOLTAGE (VOLTS)
Figure 5. Capacitance
VCE = 10 V
TA = 25°C
TA = 25°C
Cib
Cob
170
160
150
140
130
120
10
0.1
0.2
0.5
1.0
2.0
5.0
IC, COLLECTOR CURRENT (mAdc)
Figure 6. Base Spreading Resistance
VCE = 10 V
f = 1.0 kHz
TA = 25°C


Similar Part No. - BC549B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC549B SIEMENS-BC549B Datasheet
210Kb / 6P
   NPN Silicon Transistors
logo
Diotec Semiconductor
BC549B DIOTEC-BC549B Datasheet
148Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
ON Semiconductor
BC549B ONSEMI-BC549B Datasheet
57Kb / 4P
   Low Noise Transistors NPN Silicon
February, 2001 ??Rev. 1
logo
Fairchild Semiconductor
BC549B FAIRCHILD-BC549B Datasheet
151Kb / 6P
   Switching and Amplifier
logo
Continental Device Indi...
BC549B CDIL-BC549B Datasheet
360Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BC549B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT5088L ONSEMI-MMBT5088L Datasheet
188Kb / 5P
   Low Noise Transistors
October, 2016 ??Rev. 6
logo
Motorola, Inc
MRF959T1 MOTOROLA-MRF959T1 Datasheet
171Kb / 12P
   LOW NOISE TRANSISTORS
MRF2947 MOTOROLA-MRF2947 Datasheet
181Kb / 12P
   LOW NOISE TRANSISTORS
logo
ON Semiconductor
BC559B ONSEMI-BC559B Datasheet
84Kb / 4P
   Low Noise Transistors
1997
BC560C ONSEMI-BC560C Datasheet
137Kb / 4P
   Low Noise Transistors
June, 2009 ??Rev. 3
BC559 ONSEMI-BC559 Datasheet
131Kb / 4P
   Low Noise Transistors
August, 2006 ??Rev. 3
logo
Motorola, Inc
BC559 MOTOROLA-BC559 Datasheet
107Kb / 4P
   Low Noise Transistors
MRF949T1 MOTOROLA-MRF949T1 Datasheet
166Kb / 14P
   LOW NOISE TRANSISTORS
logo
ON Semiconductor
BC560CG ONSEMI-BC560CG Datasheet
98Kb / 4P
   Low Noise Transistors
July, 2012 ??Rev. 4
MMBT5088LT1 ONSEMI-MMBT5088LT1 Datasheet
211Kb / 8P
   Low Noise Transistors
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com