Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ04W33VKA10ORN-G Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # NQ04W33VKA10ORN-G
Description  SIP Single Inline Pins
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ04W33VKA10ORN-G Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button NQ04W33VKA10ORN-G Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ04W33VKA10ORN-G Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ04W33VKA10ORN-G Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ04W33VKA10ORN-G Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ04W33VKA10ORN-G Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ04W33VKA10ORN-G Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ04W33VKA10ORN-G Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ04W33VKA10ORN-G Datasheet HTML 9Page - SynQor Worldwide Headquarters NQ04W33VKA10ORN-G Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
3.0 - 6.0V
3.0 - 6.0V
0.75 - 3.6V
0.75 - 3.6V
10A
10A
SIP
SIP
T
Technical S
echnical Specification
pecification
Product # NQ04W33xKA10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2NK4V3E Rev. A
11/26/07
Page 6
0
2
4
6
8
10
12
0
25
40
55
70
85
Ambient Air Temperature (°C)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 5: Maximum output power derating curves for 1.5Vo, 1.8Vo
units under various thermal conditions and nominal input voltage.
Figure 6: Thermal plot of 1.5Vo, 1.8Vo converters at nominal Vin and
10 amp load current mounted on a 55°C, 6-Layer, 2 oz. copper board
(typical installation).
65
70
75
80
85
90
95
100
0
2
4
6
8
10
Load Current (A)
3.3 Vout
1.8 Vout
0.75 Vout
Figure 1: Efficiency at nominal output voltage vs. load current for nom-
inal input voltage at 25°C.
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
Load Current (A)
3.3 Vout
1.8 Vout
0.75 Vout
Figure 2: Power dissipation at nominal output voltage vs. load current
for nominal input voltage at 25°C.
0
2
4
6
8
10
12
0
25
40
55
70
85
Ambient Air Temperature (°C)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 3: Maximum output power derating curves for 0.75Vo, 1.2Vo
units under various thermal conditions and nominal input voltage.
Figure 4: Thermal plot of 0.75Vo, 1.2Vo converters at nominal Vin and
10 amp load current mounted on a 55°C, 6-Layer, 2 oz. copper board
(typical installation).
Semiconductor junction temperature is
within 1°C of surface temperature
Semiconductor junction temperature is
within 1°C of surface temperature


Similar Part No. - NQ04W33VKA10ORN-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04W33VMA16ORN-G SYNQOR-NQ04W33VMA16ORN-G Datasheet
528Kb / 13P
   SIP DC/DC converter
NQ04W33VMA16ORS-G SYNQOR-NQ04W33VMA16ORS-G Datasheet
528Kb / 13P
   SIP DC/DC converter
NQ04W33VMA16PRN-G SYNQOR-NQ04W33VMA16PRN-G Datasheet
528Kb / 13P
   SIP DC/DC converter
NQ04W33VMA16PRS-G SYNQOR-NQ04W33VMA16PRS-G Datasheet
528Kb / 13P
   SIP DC/DC converter
More results

Similar Description - NQ04W33VKA10ORN-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ16W50XKA10 SYNQOR-NQ16W50XKA10 Datasheet
538Kb / 13P
   SIP Single Inline Pins
NQ16W50XMA16 SYNQOR-NQ16W50XMA16 Datasheet
539Kb / 13P
   SIP Single Inline Pins
logo
Yamaichi Electronics Co...
IC70-0726-G4 YAMAICHI-IC70-0726-G4 Datasheet
40Kb / 1P
   Single Inline Package (SIP)
logo
Hamamatsu Corporation
S8673 HAMAMATSU-S8673 Datasheet
125Kb / 2P
   One-dimensional PSD using SIP (Single Inline Package)
logo
Yamaichi Electronics Co...
IC-657-1-MF YAMAICHI-IC-657-1-MF Datasheet
82Kb / 1P
   Dual Inline Memory Module 144, 172 and 200 Pins
logo
Picker Components
S1A050000 PICKER-S1A050000 Datasheet
154Kb / 2P
   Single Inline Pack Reed Relay
logo
Yamaichi Electronics Co...
IC-176-4-MF YAMAICHI-IC-176-4-MF Datasheet
69Kb / 2P
   Single Inline Memory Module (SIMM)
logo
Guangzhou Reicu Electro...
K78X2-500 REICU-K78X2-500 Datasheet
281Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K78X2M-1000 REICU-K78X2M-1000 Datasheet
231Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K7803-1000 REICU-K7803-1000 Datasheet
182Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com