Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ16W50SKA10PSS-G Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # NQ16W50SKA10PSS-G
Description  SMT Surface Mount
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ16W50SKA10PSS-G Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button NQ16W50SKA10PSS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ16W50SKA10PSS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ16W50SKA10PSS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ16W50SKA10PSS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ16W50SKA10PSS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters NQ16W50SKA10PSS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters NQ16W50SKA10PSS-G Datasheet HTML 11Page - SynQor Worldwide Headquarters NQ16W50SKA10PSS-G Datasheet HTML 12Page - SynQor Worldwide Headquarters NQ16W50SKA10PSS-G Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Product # NQ16W50SKA10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-NS15W10 Rev. A
11/26/07
Page 10
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
6.0 - 16.0V
6.0 - 16.0V
0.75 - 5.0V
0.75 - 5.0V
10A
10A
SMT
SMT
T
Technical S
echnical Specification
pecification
The shutdown point is fixed on standard option. SKA also offers
adjustable OVP set point. For more detailed information contact
SynQor technical support.
Over-Temperature Shutdown: A temperature sensor on the
converter senses the average temperature of the module. The
thermal shutdown circuit is designed to turn the converter off
when the temperature at the sensed location reaches the Over-
Temperature Shutdown value. It will allow the converter to turn
on again when the temperature of the sensed location falls by the
amount of the Over-Temperature Shutdown Restart Hysteresis
value.
APPLICATION CONSIDERATIONS
Input Filtering/Capacitance/Damping: The filter circuit of
Figure E is often added to the converter's input to prevent switch-
ing noise from reaching the input voltage bus.
In the SKA10 (surface mount) converters Cin = 30µF of high qual-
ity ceramic capacitors. With Lin of 1µH, Cd should be 100-
200µF and Rd should be 0.1-0.2W, in most applications. For
more information on designing the input filter and choosing prop-
er values, contact SynQor technical support.
Adding significant external pure ceramic capacitance directly
across the converter's input pins is not recommended. Parasitic
inductance associated with the input pin geometry and PCB
traces can create a high-Q CLC circuit with any external capaci-
tors. Just a few nano-Henries of parasitic inductance can create
a resonance (or an overtone) near the converter's switching fre-
quency. Cin has a reactance of 10-20mW at the 300kHz switch-
ing frequency. To avoid this high-frequency resonance, any exter-
nal input filter should exhibit a net source impedance of at least
20mW resistive through this frequency range. This requirement is
easily met with the damping elements discussed above. Adding
a small amount (a few µF) of high-frequency external ceramic will
not violate it.
If using converters at higher powers, consider the ripple current
rating of Cd. Contact SynQor technical support for details.
Output Capacitance:
It is recommended to add at least
100µF of capacitance, with an ESR in the 0.1W range, to the out-
put of the SKA10 series of converters. The VMA16 series has this
capacitance included internally. In many applications, however,
additional external output capacitance is required to reduce the
response to load transients to an allowable level.
The output impedance
of these converters can
be quite accurately
modeled from DC to
about
100kHz
as
shown in Figure F. A
further simplified ver-
sion of it, valid below
40Hz
and
above
1kHz, is shown in
Figure G.
In the
SKA10 case, the mod-
els depict the minimum
recommended output capacitance, Ct with its resistance Rt. In
the VMA16 family, that capacitor is again included in the con-
verter.
If the dynamic char-
acteristics of the load
are known, any stan-
dard simulator can
use these models to
predict the in-circuit
transient response.
For minimal overshoot upon recovery, Cd should be related to the
minimum in-circuit net ESR.
For more detailed derivations of these values contact SynQor
technical support.
Figure F: NQ16 Passive Output Model
Figure G: Simplified NQ16 Output Model
Figure H: Converter with Additional Output Capacitance
Cd >
parallel (L1, L2)
ESRdmin2
Figure E: NQ16 converter with Input Filter


Similar Part No. - NQ16W50SKA10PSS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ16W50SMA16 SYNQOR-NQ16W50SMA16 Datasheet
516Kb / 13P
   SMT Surface Mount
NQ16W50SMA16OSN-G SYNQOR-NQ16W50SMA16OSN-G Datasheet
516Kb / 13P
   SMT Surface Mount
NQ16W50SMA16OSS-G SYNQOR-NQ16W50SMA16OSS-G Datasheet
516Kb / 13P
   SMT Surface Mount
NQ16W50SMA16PSN-G SYNQOR-NQ16W50SMA16PSN-G Datasheet
516Kb / 13P
   SMT Surface Mount
NQ16W50SMA16PSS-G SYNQOR-NQ16W50SMA16PSS-G Datasheet
516Kb / 13P
   SMT Surface Mount
More results

Similar Description - NQ16W50SKA10PSS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ15W50SGA30 SYNQOR-NQ15W50SGA30 Datasheet
1,022Kb / 11P
   SMT Surface Mount
NQ04W33SMA16 SYNQOR-NQ04W33SMA16 Datasheet
517Kb / 13P
   SMT Surface Mount
NQ04W33SKA10 SYNQOR-NQ04W33SKA10 Datasheet
516Kb / 13P
   SMT Surface Mount
NQ16W50SMA16 SYNQOR-NQ16W50SMA16 Datasheet
516Kb / 13P
   SMT Surface Mount
NQ10W50PKA07 SYNQOR-NQ10W50PKA07 Datasheet
617Kb / 14P
   SMT Surface Mount Package
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-A401-U80M1 AVAGO-HSMA-A401-U80M1 Datasheet
197Kb / 10P
   SMT LED Surface Mount LED Indicator
HSMX-A4XX-XXXXX AVAGO-HSMX-A4XX-XXXXX Datasheet
1Mb / 9P
   SMT LED Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMC-A400-S30M1 BOARDCOM-HSMC-A400-S30M1 Datasheet
765Kb / 15P
   SMT LED Surface-Mount LED Indicator
logo
List of Unclassifed Man...
095516678XX741 ETC2-095516678XX741 Datasheet
171Kb / 8P
   Surface Mount Technology (SMT) board connectors
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A46X-XXXXX AVAGO-HSMX-A46X-XXXXX Datasheet
279Kb / 10P
   SMT LED Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com