Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ10W50PKA07QS4-G Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # NQ10W50PKA07QS4-G
Description  SMT Surface Mount Package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ10W50PKA07QS4-G Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button NQ10W50PKA07QS4-G Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ10W50PKA07QS4-G Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ10W50PKA07QS4-G Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ10W50PKA07QS4-G Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ10W50PKA07QS4-G Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ10W50PKA07QS4-G Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ10W50PKA07QS4-G Datasheet HTML 9Page - SynQor Worldwide Headquarters NQ10W50PKA07QS4-G Datasheet HTML 10Page - SynQor Worldwide Headquarters NQ10W50PKA07QS4-G Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
10.2 - 13.2V
10.2 - 13.2V
0.7 - 5.0V
0.7 - 5.0V
7A
7A
SMT
SMT
T
Technical S
echnical Specification
pecification
Product # NQ10W50PKA07
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2NS2T5N Rev. B
6/12/07
Page 7
Figure 7: Thermal plot of 2.5Vo converter at 12.0Vin with 7 amp load
current and 55°C. Air is flowing across the converter from pin 1 to 11
at 200 LFM.
Figure 8: Thermal plot of 5.0Vo converter at 12.0Vin with 7 amp load
current and 55°C. Air is flowing across the converter from pin 1 to 11
at 200 LFM.
Figure 9: DCM (QS1 & QS2) output voltage response at 12.0Vin to step-
change in load current (10% to 90% of Iout max; di/dt=20A/µ s; 50µ s/div).
Load cap: 376µ F ceramic. Top: Vout (100mV/div), Bottom: Iout (5A/div).
Figure 10: CCM (QS3 & QS4) output voltage response at 12.0Vin to step-
change in load current (10% to 90% of Iout max; di/dt=20A/µ s; 50µ s/div).
Load cap: 376µ F ceramic. Top: Vout (100mV/div), Bottom: Iout (5A/div).
Figure 11: DCM (QS1 & QS2) turn-on transient at 12Vin and full load
(resistive load) with 370uF of output cap (1V/div, 1mS/div), top traces
are OE pin (first to rise) and PWRGOOD (rising later), both at 5V div.
Figure 12: CCM (QS3 & QS4) turn-on transient at 12Vin and full load
(resistive load) with 370uF of output cap (1V/div, 1mS/div), top traces
are OE pin (first to rise) and PWRGOOD (rising later), both at 5V div.
Semiconductor junction temperature is
within 1°C of surface temperature
Semiconductor junction temperature is
within 1°C of surface temperature
5.0Vout
2.5Vout
1.2Vout
0.7Vout
5.0Vout
2.5Vout
1.2Vout
0.7Vout
5.0Vout
3.3Vout
2.5Vout
1.8Vout
1.5Vout
1.2Vout
1.0Vout
0.7Vout
5.0Vout
3.3Vout
2.5Vout
1.8Vout
1.5Vout
1.2Vout
1.0Vout
0.7Vout


Similar Part No. - NQ10W50PKA07QS4-G

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
NQ10M250D HUBBELL-NQ10M250D Datasheet
276Kb / 2P
   Yellow Female Disconnect, #12 - 10 AWG
More results

Similar Description - NQ10W50PKA07QS4-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ15W50SGA30 SYNQOR-NQ15W50SGA30 Datasheet
1,022Kb / 11P
   SMT Surface Mount
NQ04W33SMA16 SYNQOR-NQ04W33SMA16 Datasheet
517Kb / 13P
   SMT Surface Mount
NQ16W50SKA10 SYNQOR-NQ16W50SKA10 Datasheet
532Kb / 13P
   SMT Surface Mount
NQ04W33SKA10 SYNQOR-NQ04W33SKA10 Datasheet
516Kb / 13P
   SMT Surface Mount
NQ16W50SMA16 SYNQOR-NQ16W50SMA16 Datasheet
516Kb / 13P
   SMT Surface Mount
logo
Vectron International, ...
C4530 VECTRON-C4530_06 Datasheet
119Kb / 5P
   Surface Mount Package
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF_14 Datasheet
99Kb / 4P
   Surface mount package
AP2422GY A-POWER-AP2422GY_14 Datasheet
121Kb / 5P
   Surface mount package
logo
KR Electronics, Inc.
2505 KR-2505 Datasheet
28Kb / 2P
   Surface Mount Package
logo
Advanced Power Electron...
AP2906EY A-POWER-AP2906EY Datasheet
73Kb / 6P
   Surface mount package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com