Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ04W33VKA10PRS-G Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # NQ04W33VKA10PRS-G
Description  SIP Single Inline Pins
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ04W33VKA10PRS-G Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  NQ04W33VKA10PRS-G Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ04W33VKA10PRS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ04W33VKA10PRS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ04W33VKA10PRS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ04W33VKA10PRS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ04W33VKA10PRS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ04W33VKA10PRS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ04W33VKA10PRS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ04W33VKA10PRS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
3.0 - 6.0V
3.0 - 6.0V
0.75 - 3.6V
0.75 - 3.6V
10A
10A
SIP
SIP
T
Technical S
echnical Specification
pecification
Product # NQ04W33xKA10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2NK4V3E Rev. A
11/26/07
Page 2
Pin No.
Name
Function
1
Vout(+)
Positive output voltage
2
Vout(+)
Positive output voltage
3
SENSE(+)
Positive remote sense
4
Vout(+)
Positive output voltage
5
Common
A
N/C
No Connection
6
Common
7
Vin(+)
Positive input voltage
8
Vin(+)
Positive input voltage
9
N/C
No Connection
10
TRIM1
Output voltage trim (trim-up only)
11
ON/OFF2
LOGIC input to turn the converter
on and off.
0.000
(0.00)
0.100
(2.54)
0.200
(5.08)
0.300
(7.62)
0.400
(10.16)
1.300
(33.02)
1.400
(35.56)
1.500
(38.10)
1.600
(40.64)
1.700
(43.18)
1.800
(45.72)
1.900
(48.26)
0.550
(13.97)
0.160
(4.06)
0.050
(1.27)
0.288
(7.32)
0.315 Max
(8.0 Max)
0.120
(3.05)
0.025 + 0.003
(0.64 + 0.076)
SQ. Typ.
0.050
(1.27)
2.00
(50.8)
12
3
45
6
7
8
9
A
10 11
Front View
Vertical Mount
Side View
PIN DESIGNATIONS
Ref.
Pins in Italics Shaded text are Optional
0.040 PCB Ref.
(1.02)
0.197 Max
(5.0 Max)
0.185
(4.7)
MECHANICAL
DIAGRAM
NOTES
1) All pins are 0.025” (0.64mm) +0.003 (0.076mm) square.
2) All Pins: Material - Copper Alloy
Finish - Tin over Nickel plate
3) Vertical, horizontal, vertical with reverse pins and surface
mount options (future) available.
4) Undimensioned components are shown for visual
reference only.
6) All dimensions in inches (mm)
Tolerances: x.xx +0.02 in. (x.x +0.5mm)
x.xxx +0.010 in. (x.xx +0.25mm)
7) Weight: 0.30 oz. (9.4 g) typical
8) Workmanship: Meets or exceeds IPC-A-610C Class II
Pin Connection Notes:
1. Pin 10 - for fixed resistors, connect between Trim and
Common (Ground).
2. Pin 11 - see section on Remote ON/OFF pin for descrip-
tion of enable logic options.


Similar Part No. - NQ04W33VKA10PRS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04W33VMA16ORN-G SYNQOR-NQ04W33VMA16ORN-G Datasheet
528Kb / 13P
   SIP DC/DC converter
NQ04W33VMA16ORS-G SYNQOR-NQ04W33VMA16ORS-G Datasheet
528Kb / 13P
   SIP DC/DC converter
NQ04W33VMA16PRN-G SYNQOR-NQ04W33VMA16PRN-G Datasheet
528Kb / 13P
   SIP DC/DC converter
NQ04W33VMA16PRS-G SYNQOR-NQ04W33VMA16PRS-G Datasheet
528Kb / 13P
   SIP DC/DC converter
More results

Similar Description - NQ04W33VKA10PRS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ16W50XKA10 SYNQOR-NQ16W50XKA10 Datasheet
538Kb / 13P
   SIP Single Inline Pins
NQ16W50XMA16 SYNQOR-NQ16W50XMA16 Datasheet
539Kb / 13P
   SIP Single Inline Pins
logo
Yamaichi Electronics Co...
IC70-0726-G4 YAMAICHI-IC70-0726-G4 Datasheet
40Kb / 1P
   Single Inline Package (SIP)
logo
Hamamatsu Corporation
S8673 HAMAMATSU-S8673 Datasheet
125Kb / 2P
   One-dimensional PSD using SIP (Single Inline Package)
logo
Yamaichi Electronics Co...
IC-657-1-MF YAMAICHI-IC-657-1-MF Datasheet
82Kb / 1P
   Dual Inline Memory Module 144, 172 and 200 Pins
logo
Picker Components
S1A050000 PICKER-S1A050000 Datasheet
154Kb / 2P
   Single Inline Pack Reed Relay
logo
Yamaichi Electronics Co...
IC-176-4-MF YAMAICHI-IC-176-4-MF Datasheet
69Kb / 2P
   Single Inline Memory Module (SIMM)
logo
Guangzhou Reicu Electro...
K78X2-500 REICU-K78X2-500 Datasheet
281Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K78X2M-1000 REICU-K78X2M-1000 Datasheet
231Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K7803-1000 REICU-K7803-1000 Datasheet
182Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com